Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFMA207 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # FFMA207
Description  Surface Mount Glass Passivated Super Fast Rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

FFMA207 Datasheet(HTML) 4 Page - Leshan Radio Company

  FFMA207_15 Datasheet HTML 1Page - Leshan Radio Company FFMA207_15 Datasheet HTML 2Page - Leshan Radio Company FFMA207_15 Datasheet HTML 3Page - Leshan Radio Company FFMA207_15 Datasheet HTML 4Page - Leshan Radio Company FFMA207_15 Datasheet HTML 5Page - Leshan Radio Company FFMA207_15 Datasheet HTML 6Page - Leshan Radio Company FFMA207_15 Datasheet HTML 7Page - Leshan Radio Company FFMA207_15 Datasheet HTML 8Page - Leshan Radio Company FFMA207_15 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
标题Titile:
1.1 卷装 reel
A.卷盘规格reel spec
单位:mm
A
B
CW
177.0
±2.0
54.0
±0.5
13.0
±0.5
13.2
±0.2
330.0
±2.0
75.0
±0.5
13.0
±0.5
13.2
±0.2
330.0
±2.0
75.0
±0.5
13.0
±0.5
13.5
±0.5
330.0
±2.0
75.0
±0.5
13.0
±0.5
17.0
±0.5
B. 13"卷盘内盒 inner box
单位:mm
A
BC
尺寸
335
±5.0
335
±2.0
40
±1.0
按以上包装方式,产品包装数量:quantity
每盒数量
10K
6K
6K
SMB13"卷盘
SMC13"卷盘
每卷数量
2K
5K
3K
3K
规格
SMA13"卷盘
规格
SMA 7"卷盘
SMA13"卷盘
SMC13"卷盘
SMB13"卷盘
文件编号:
WI-258
塑封生产线SMD产品包装规范
第 3 版
第 0 次修改
2 页
SMD产品通用包装材料规格以及包装产品数量
Packaging specification of SMD
General packaging materials spec. and quantity


Similar Part No. - FFMA207_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
FFMA207P LRC-FFMA207P Datasheet
229Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
More results

Similar Description - FFMA207_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMAF108 LRC-EFMAF108_15 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMBF208 LRC-EFMBF208_15 Datasheet
243Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
ES1AL HY-ES1AL_17 Datasheet
136Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
EFMA280 LRC-EFMA280_15 Datasheet
220Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFM108 LRC-EFM108_15 Datasheet
179Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
RS2MBF LRC-RS2MBF_15 Datasheet
253Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFMAF280 LRC-EFMAF280_15 Datasheet
242Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
EFM106 LRC-EFM106_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
logo
PACELEADER INDUSTRIAL
SFM101 PACELEADER-SFM101 Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com