Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3496 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3496
Description  Triple Output LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3496 Datasheet(HTML) 3 Page - Linear Technology

  LT3496_15 Datasheet HTML 1Page - Linear Technology LT3496_15 Datasheet HTML 2Page - Linear Technology LT3496_15 Datasheet HTML 3Page - Linear Technology LT3496_15 Datasheet HTML 4Page - Linear Technology LT3496_15 Datasheet HTML 5Page - Linear Technology LT3496_15 Datasheet HTML 6Page - Linear Technology LT3496_15 Datasheet HTML 7Page - Linear Technology LT3496_15 Datasheet HTML 8Page - Linear Technology LT3496_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3496

3496ff
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VSHDN = 5V, CAP1, CAP2, CAP3 = 5V, PWM1, PWM2, PWM3 = 5V,
fADJ = 0.5V, CTRL1, CTRL2, CTRL3 = 1.5V, OVP1, OVP2, OVP3 = 0V, unless otherwise noted.
electrical characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operation Voltage
(Note 4)
3
30
V
VIN Undervoltage Lockout
2.1
2.4
V
Full-Scale LED Current Sense Voltage
(VCAP1-LED1, VCAP2-LED2, VCAP3-LED3)
CAP1, CAP2, CAP3 = 24V
l
98
97
100
103
104
mV
mV
One-Tenth Scale LED Current Sense Voltage
(VCAP1-LED1, VCAP2-LED2, VCAP3-LED3)
CTRL1, CTRL2, CTRL3 = 100mV, CAP1, CAP2, CAP3 = 24V
H-Grade
E-Grade, I-Grade
l
l
7.5
7.5
10
10
13.5
12.5
mV
mV
CAP1, CAP2, CAP3 Operating Voltage
0V ≤ VCAP1-LED1 ≤ 104mV
0V ≤ VCAP2-LED2 ≤ 104mV
0V ≤ VCAP3-LED3 ≤ 104mV
2.5
45
V
VREF Output Voltage
IREF = 200µA, Current Out of Pin
l
1.96
2
2.04
V
VREF Line Regulation
3V ≤ VIN ≤ 40V, IREF = 10µA
0.03
%/V
Quiescent Current in Shutdown
SHDN = 0V
0.1
10
µA
Quiescent Current Idle
PWM1, PWM2, PWM3 = 0V
6
7.5
mA
Quiescent Current Active (Not Switching)
11
14
mA
Switching Frequency
fADJ = 1.5V
fADJ = 0.5V
fADJ = 0.1V
1900
2100
1300
330
2300
kHz
kHz
kHz
Maximum Duty Cycle
fADJ = 1.5V (2.1MHz)
fADJ = 0.5V (1.3MHz)
fADJ = 0.1V (330kHz)
l
70
78
87
97
%
%
%
CTRL1, CTRL2, CTRL3 Input Bias Current
Current Out of Pin, CTRL1, CTRL2, CTRL3 = 0.1V
20
100
nA
fADJ Input Bias Current
Current Out of Pin, fADJ = 0.1V
20
100
nA
OVP1, OVP2, OVP3 Input Bias Current
Current Out of Pin, OVP1, OVP2, OVP3 = 0.1V
10
100
nA
OVP1, OVP2, OVP3 Threshold
0.95
1
1.05
V
VC1, VC2, VC3 Idle Input Bias Current
PWM1, PWM2, PWM3 = 0V
–20
0
20
nA
VC1, VC2, VC3 Output Impedance
CAP1, CAP2, CAP3 = 24V
10
MΩ
EAMP gm (ΔIVC/ΔVCAP-LED)
CAP1, CAP2, CAP3 = 24V
200
µS
SW1, SW2, SW3 Current Limit
(Note 3)
750
1000
1250
mA
SW1, SW2, SW3 VCESAT
ISW = 500mA (Note 3)
260
mV
SW1, SW2, SW3 Leakage Current
SHDN = 0V, SW = 5V
2
µA
CAP1, CAP2, CAP3 Input Bias Current
180
250
µA
CAP1, CAP2, CAP3, LED1, LED2, LED3 Idle Input
Bias Current
PWM1, PWM2, PWM3 = 0V
1
µA
CAP1, CAP2, CAP3, LED1, LED2, LED3 Input Bias
Current in Shutdown
SHDN = 0V
1
µA


Similar Part No. - LT3496_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496EFE-PBF LINER-LT3496EFE-PBF Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496EFE-TRPBF LINER-LT3496EFE-TRPBF Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496EUFD-PBF LINER-LT3496EUFD-PBF Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496EUFD-TRPBF LINER-LT3496EUFD-TRPBF Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496IFE-PBF LINER-LT3496IFE-PBF Datasheet
263Kb / 20P
   Triple Output LED Driver
More results

Similar Description - LT3496_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3797 LINER-LT3797 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
LT3797 LINER-LT3797_15 Datasheet
459Kb / 36P
   Triple Output LED Driver Controller
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Microsemi Corporation
LX1745 MICROSEMI-LX1745 Datasheet
439Kb / 16P
   Triple Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com