Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3495B Datasheet(PDF) 11 Page - Linear Technology

Part # LT3495B
Description  650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3495B Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3495B Datasheet HTML 7Page - Linear Technology LT3495B Datasheet HTML 8Page - Linear Technology LT3495B Datasheet HTML 9Page - Linear Technology LT3495B Datasheet HTML 10Page - Linear Technology LT3495B Datasheet HTML 11Page - Linear Technology LT3495B Datasheet HTML 12Page - Linear Technology LT3495B Datasheet HTML 13Page - Linear Technology LT3495B Datasheet HTML 14Page - Linear Technology LT3495B Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3495/LT3495B/
LT3495-1/LT3495B-1
11
3495b1b1fa
APPLICATIONS INFORMATION
Maximum Output Load Current
The maximum output current of a particular LT3495 series
circuit is a function of several circuit variables. The fol-
lowing method can be helpful in predicting the maximum
load current for a given circuit:
Step 1: Calculate the peak inductor current:
IPK =ILIMIT +
VIN •200•10–9
L
amps
where ILIMIT is 0.65A and 0.35A for LT3495/LT3495B and
LT3495-1/LT3495B-1 respectively. L is the inductance
value in Henrys and VIN is the input voltage to the boost
circuit.
Step 2: Calculate the inductor ripple current:
IRIPPLE =
VOUT +1– VIN
(
)•200•10–9
L
amps
where VOUT is the desired output voltage. If the inductor
ripple current is greater than the peak current, then the
circuitwillonlyoperateindiscontinuousconductionmode.
TheinductorvalueshouldbeincreasedsothatIRIPPLE<IPK.
An application circuit can be designed to operate only in
discontinuous mode, but the output current capability
will be reduced.
Step 3: Calculate the average input current:
IIN(AVG) =IPK
IRIPPLE
2
amps
Step 4: Calculate the nominal output current:
IOUT(NOM) =
IIN(AVG) • VIN •0.8
VOUT
amps
Step 5: Derate output current:
IOUT = IOUT(NOM)•0.8amps
For low output voltages the output current capability will
be increased. When using output disconnect (load cur-
rent taken from VOUT), these higher currents will cause
the drop in the PMOS switch to be higher resulting in
reduced output current capability than those predicted
by the preceding equations.
Inrush Current
When VCC is stepped from ground to the operating voltage
while the output capacitor is discharged, a higher level of
inrushcurrentmayflowthroughtheinductorandSchottky
diode into the output capacitor. Conditions that increase
inrush current include a larger more abrupt voltage step
at VIN, a larger output capacitor tied to the CAP pin and an
inductor with a low saturation current. While the chip is
designed to handle such events, the inrush current should
not be allowed to exceed 1.5A. For circuits that use output
capacitor values within the recommended range and have
input voltages of less than 5V, inrush current remains low,
posing no hazard to the device. In cases where there are
large steps at VCC (more than 5V) and/or a large capacitor
is used at the CAP pin, inrush current should be measured
to ensure safe operation.
Soft-Start
By connecting the SHDN and CTRL pins as shown in
Figure 4, using an RC filter at the CTRL pin to limit the
start-up current, the LT3495 is able to achieve soft-start.
The small bias current of the CTRL pin allows using a
small capacitor for a large RC time constant. The soft-
start waveform is shown in Figure 5. The soft-start time
Figure 5. Soft-Start Waveform
Figure 4. Soft-Start Circuitry
SW
CAP
VCC
SHDN
CTRL
VOUT
FB
GND
3495 F04
LT3495
CCTRL
RCTRL
CHIP ENABLE
500µs/DIV
3495 F05
SHDN VOLTAGE
5V/DIV
INDUCTOR CURRENT
500mA/DIV
VOUT VOLTAGE
5V/DIV
CTRL VOLTAGE
2V/DIV
VCC = 3.6V
VOUT = 16V


Similar Part No. - LT3495B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495B LINER-LT3495B Datasheet
327Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1 Datasheet
327Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495BEDDB-1-PBF LINER-LT3495BEDDB-1-PBF Datasheet
327Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
More results

Similar Description - LT3495B

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495 Datasheet
327Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494A LINER-LT3494A_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494 LINER-LT3494 Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com