Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T12A6CI Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # T12A6CI
Description  BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

T12A6CI Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  T12A6CI Datasheet HTML 1Page - KEC(Korea Electronics) T12A6CI Datasheet HTML 2Page - KEC(Korea Electronics) T12A6CI Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1997. 10. 28
1/3
SEMICONDUCTOR
TECHNICAL DATA
T12A6CI
Bi-Directional Triode Thyristor
12A Mold TRIAC
Revision No : 2
AC POWER CONTROL APPLICATION.
FEATURES
Repetitive Peak Off-state Voltage : VDRM=600V.
R.M.S On-State Current : IT(RMS)=12A.
High Commutaing (dv/dt)
Isolation Voltage : VISOL=1500V AC
(UL Recognized : E166398)
APPLICATIONS
Switching Mode Power Supply
Speed Control of Small Motors
Solid State Relay
Light Dimmer
Washing Machine
Temperature Control of Heater
DIM
MILLIMETERS
1. T1
2. T2
3. GATE
TO-220IS
10.30 MAX
15.30 MAX
2.70 0.30
0.85 MAX
3.20 0.20
3.00 0.30
A
B
C
D
E
F
G
12.30 MAX
0.75 MAX
H
13.60 0.50
3.90 MAX
1.20
1.30
2.54
4.50 0.20
6.80
2.60 0.20
10
J
K
L
M
N
O
P
Q
R
1
2
3
L
N
M
D
N
T
T
H
E
R
T
V
S
L
U
T
S
0.5
5
25
2.60 0.15
V
U
D
A
C
MAXIMUM RATINGS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Non-Repetitive Peak Off-state Voltage
VDSM
700
V
Repetitive Peak Off-state Voltage
VDRM
600
V
R.M.S On-state Current
(Full Sine Waveform Tc=77 )
IT(RMS)
12
A
Peak One Cycle Surge On-state Current
(Non-Repetitive)
ITSM
120 (50Hz 1 Cycle)
132 (60Hz 1 Cycle)
A
I2t Limit Value (1mS t 10mS)
I2t
72
A2S
Peak Gate Power Dissipation
PGM
5
W
Average Gate Power Dissipation
PG(AV)
0.5
W
Peak Gate Voltage
VGM
10
V
Peak Gate Current
IGM
2
A
Junction Temperature
Tj
-40 125
Storage Temperature Range
Tstg
-40 125
Isolation Voltage (Ac, t=1min.)
VISOL
1500
V


Similar Part No. - T12A6CI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T12 STMICROELECTRONICS-T12 Datasheet
116Kb / 7P
   12A TRIACS
logo
Vishay Siliconix
T12 VISHAY-T12 Datasheet
132Kb / 5P
   Fully Sealed Container Square or Round Cermet Trimmers
Revision: 06-Jul-06
T12 VISHAY-T12 Datasheet
122Kb / 6P
   Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
01-Jan-2022
logo
Schurter Inc.
T12-111 SCHURTER-T12-111 Datasheet
465Kb / 7P
   Circuit Breaker for Equipment thermal, Flange type, Reset type, Quick connect terminals
T12-112 SCHURTER-T12-112 Datasheet
446Kb / 7P
   Circuit Breaker for Equipment thermal, Flange type, Reset type, Screw terminals
More results

Similar Description - T12A6CI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
T10A6CI KEC-T10A6CI Datasheet
82Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC (AC POWER CONTROL)
T8A6CI KEC-T8A6CI Datasheet
82Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 8A MOLD TRIAC (AC POWER CONTROL)
T1A6C KEC-T1A6C Datasheet
78Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 1A MOLD TRIAC (AC POWER CONTROL)
T16A6CI KEC-T16A6CI Datasheet
81Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 16A MOLD TRIAC (AC POWER CONTROL)
T6A6CI KEC-T6A6CI Datasheet
91Kb / 3P
   Bi-Directional Triode Thyristor 6A Mold TRIAC
T3A6CI KEC-T3A6CI Datasheet
82Kb / 3P
   BI-DIRECTIONAL TRIODE THYRISTOR 3A MOLD TRIAC
logo
SHANTOU HUASHAN ELECTRO...
HTR1A80 HUASHAN-HTR1A80 Datasheet
1Mb / 4P
   BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
HTR1A60 HUASHAN-HTR1A60 Datasheet
281Kb / 4P
   BI-DIRECTIONAL TRIODE THYRISTOR (TRIAC)
logo
Toshiba Semiconductor
SM2G41 TOSHIBA-SM2G41 Datasheet
95Kb / 1P
   BI-DIRECTIONAL TRIODE THYRISTOR(TRIAC)
logo
List of Unclassifed Man...
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com