Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3471 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 5 Page - Linear Technology

  LT3471 Datasheet HTML 1Page - Linear Technology LT3471 Datasheet HTML 2Page - Linear Technology LT3471 Datasheet HTML 3Page - Linear Technology LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3471
5
3471fb
BLOCK DIAGRAM
Figure 1. Block Diagram
OPERATION
The LT3471 uses a constant frequency, current mode
control scheme to provide excellent line and load regu-
lation. Refer to the Block Diagram. At the start of each
oscillator cycle, the SR latch is set, which turns on the
power switch, Q1 (Q2). A voltage proportional to the switch
current is added to a stabilizing ramp and the resulting
sum is fed into the positive terminal of the PWM compara-
tor A2 (A4). When this voltage exceeds the level at the
negative input of A2 (A4), the SR latch is reset, turning
off the power switch Q1 (Q2). The level at the negative
input of A2 (A4) is set by the error amplifier A1 (A3) and
is simply an amplified version of the difference between
the negative feedback voltage and the positive feedback
voltage, usually tied to the reference voltage VREG. In
this manner, the error amplifier sets the correct peak
current level to keep the output in regulation. If the error
amplifier’s output increases, more current is delivered to
the output. Similarly, if the error decreases, less current
is delivered. Each switcher functions independently but
they share the same oscillator and thus the switchers are
always in phase. Enabling the part is done by taking either
SHDN/SS pin above 1.8V. Disabling the part is done by
grounding both SHDN/SS pins. The soft-start feature of
the LT3471 allows for clean start-up conditions by limiting
the amount of voltage rise at the output of comparator A1
and A2, which in turn limits the peak switching current.
The soft-start feature for each switcher is enabled by
slowly ramping that switcher’s SHDN/SS pin, using an
RC network, for example. Typical resistor and capacitor
values are 0.33μF and 4.7k, allowing for a start-up time
on the order of milliseconds. The LT3471 has a current
limit circuit not shown in the Block Diagram. The switch
current is constantly monitored and not allowed to exceed
the maximum switch current (typically 1.6A). If the switch
+
RQ
S
0.01Ω
SW1
DRIVER
10
FB1N
SHDN/SS1
1
9
FB1P
2
+
RAMP
GENERATOR
1.00V
REFERENCE
LEVEL
SHIFTER
RC
CC
1.2MHz
OSCILLATOR
GND
GND
Q1
A2
A1
VIN
VREF
8
3
+
RQ
S
0.01Ω
SW2
DRIVER
6
11
FB2N
SHDN/SS2
5
7
FB2P
4
+
RAMP
GENERATOR
LEVEL
SHIFTER
RC
CC
3471 F01
Q2
A4
A3


Similar Part No. - LT3471

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LT3471 LINER-LT3471 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3471EDD LINER-LT3471EDD Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
More results

Similar Description - LT3471

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
   1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
logo
SHANGHAI BELLING CO., L...
BL8041 BELLING-BL8041 Datasheet
623Kb / 4P
   High Efficiency 1.2MHz 30V Boost
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
   1A, 1.2MHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
MIC GROUP RECTIFIERS
MIC2619 MIC-MIC2619_11 Datasheet
685Kb / 15P
   1.2MHz PWM Boost Converter with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com