Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3471 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3471
Description  Dual 1.3A, 1.2MHz Boost/Inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3471 Datasheet(HTML) 2 Page - Linear Technology

  LT3471 Datasheet HTML 1Page - Linear Technology LT3471 Datasheet HTML 2Page - Linear Technology LT3471 Datasheet HTML 3Page - Linear Technology LT3471 Datasheet HTML 4Page - Linear Technology LT3471 Datasheet HTML 5Page - Linear Technology LT3471 Datasheet HTML 6Page - Linear Technology LT3471 Datasheet HTML 7Page - Linear Technology LT3471 Datasheet HTML 8Page - Linear Technology LT3471 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3471
2
3471fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
VIN Voltage................................................................16V
SW1, SW2 Voltage..................................... –0.4V to 42V
FB1N, FB1P, FB2N, FB2P Voltage......... 12V or VIN – 1.5V
SHDN/SS1, SHDN/SS2 Voltage ............................... 16V
VREF Voltage.............................................................1.5V
Maximum Junction Temperature ........................ 125°C
Operating Temperature Range (Note 2) ...– 40°C to 85°C
Storage Temperature Range...................– 65°C to 125°C
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.1
2.4
V
Reference Voltage
l
0.991
0.987
1.000
1.009
1.013
V
V
Reference Voltage Current Limit
(Note 3)
1
1.4
mA
Reference Voltage Load Regulation
0mA ≤ IREF ≤ 100μA (Note 3)
0.1
0.2
%/100μA
Reference Voltage Line Regulation
2.6V ≤ VIN ≤ 16V
0.03
0.08
%/V
Error Amplifier Offset
Transition from Not Switching to Switching, VFBP = VFBN = 1V
±2
±3
mV
FB Pin Bias Current
VFB = 1V (Note 3)
l
60
100
nA
Quiescent Current
VSHDN = 1.8V, Not Switching
2.5
4
mA
Quiescent Current in Shutdown
VSHDN = 0.3V, VIN = 3V
0.01
1
μA
Switching Frequency
11.2
1.4
MHz
Maximum Duty Cycle
l
90
86
94
%
%
Minimum Duty Cycle
15
%
Switch Current Limit
At Minimum Duty Cycle
At Maximum Duty Cycle (Note 4)
1.5
0.9
2.05
1.45
2.6
2.0
A
A
Switch VCESAT
ISW = 0.5A (Note 5)
150
250
mV
Switch Leakage Current
VSW = 5V
0.01
1
μA
SHDN/SS Input Voltage High
1.8
V
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = VSHDN = 3V unless otherwise noted.
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
SW1
SHDN/SS1
VIN
SHDN/SS2
SW2
FB1N
FB1P
VREF
FB2P
FB2N
TJMAX = 125°C, θJA = 43°C/ W, θJC = 3°C/W
EXPOSED PAD (PIN 11) IS GND MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3471EDD#PBF
LT3471EDD#TRPBF
LBHM
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3471EDD
LT3471EDD#TR
LBHM
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/


Similar Part No. - LT3471

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
LT3471 LINER-LT3471 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3471EDD LINER-LT3471EDD Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
More results

Similar Description - LT3471

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
   1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
logo
SHANGHAI BELLING CO., L...
BL8041 BELLING-BL8041 Datasheet
623Kb / 4P
   High Efficiency 1.2MHz 30V Boost
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Advanced Analogic Techn...
AAT1218 ANALOGICTECH-AAT1218 Datasheet
1Mb / 15P
   1A, 1.2MHz Synchronous Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
MIC GROUP RECTIFIERS
MIC2619 MIC-MIC2619_11 Datasheet
685Kb / 15P
   1.2MHz PWM Boost Converter with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com