Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63811-6000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63811-6000
Description  Hand Crimp Tool, 18-22AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63811-6000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63811-6000 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63811-6000
Status:
Active
Description:
Hand Crimp Tool, 18-22AWG
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
Type: 4A
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
N/A
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
822350665940
Physical
Net Weight
428.885/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-638116000, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Loose Piece Terminals
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63811-6000

ManufacturerPart #DatasheetDescription
logo
MolexKits
63811-6000 MOLEXKITS-63811-6000 Datasheet
45Kb / 6P
   Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
63811-6000 MOLEXKITS-63811-6000 Datasheet
38Kb / 2P
   Single Row Matte Sealed Plug and Receptacle
logo
Molex Electronics Ltd.
63811-6000 MOLEX8-63811-6000 Datasheet
176Kb / 5P
   Hand Crimp Tool Specification Sheet
More results

Similar Description - 63811-6000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63811-2600 MOLEX11-63811-2600 Datasheet
37Kb / 1P
   Hand Crimp Tool, 18-22AWG
64001-0500 MOLEX11-64001-0500 Datasheet
53Kb / 1P
   Hand Crimp Tool
64003-0800 MOLEX11-64003-0800 Datasheet
45Kb / 1P
   Hand Crimp Tool
64003-3600 MOLEX11-64003-3600 Datasheet
28Kb / 1P
   Hand Crimp Tool
63811-7000 MOLEX11-63811-7000 Datasheet
40Kb / 1P
   Hand Crimp Tool
63811-9300 MOLEX11-63811-9300 Datasheet
39Kb / 1P
   Hand Crimp Tool
64001-0300 MOLEX11-64001-0300 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-2300 MOLEX11-64001-2300 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-2500 MOLEX11-64001-2500 Datasheet
53Kb / 1P
   Hand Crimp Tool
64001-4900 MOLEX11-64001-4900 Datasheet
36Kb / 1P
   Hand Crimp Tool
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com