Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3470A Datasheet(PDF) 6 Page - Linear Technology

Part # LT3470A
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3470A Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3470A Datasheet HTML 2Page - Linear Technology LT3470A Datasheet HTML 3Page - Linear Technology LT3470A Datasheet HTML 4Page - Linear Technology LT3470A Datasheet HTML 5Page - Linear Technology LT3470A Datasheet HTML 6Page - Linear Technology LT3470A Datasheet HTML 7Page - Linear Technology LT3470A Datasheet HTML 8Page - Linear Technology LT3470A Datasheet HTML 9Page - Linear Technology LT3470A Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3470A
6
3470afb
Boost Diode Forward Voltage
Minimum Input Voltage, VOUT = 3.3V
Minimum Input Voltage, VOUT = 5V
TYPICAL PERFORMANCE CHARACTERISTICS
BOOST DIODE CURRENT (mA)
0
500
600
700
200
3470a G17
400
300
0
50
100
150
100
200
900
800
Switch VCESAT
BOOST Pin Current
Catch Diode Forward Voltage
SWITCH CURRENT (mA)
0
400
500
700
300
400
3470a G14
300
200
100
200
500
100
0
600
SWITCH CURRENT (mA)
0
8
10
14
300
400
3470a G15
6
4
100
200
500
2
0
12
CATCH DIODE CURRENT (mA)
0
0.4
0.6
400
3470a G16
0.2
0
100
200
300
1.0
0.8
LOAD CURRENT (mA)
0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
50
100
150
200
250
3470a G18
TA = 25°C
VIN TO RUN/START
LOAD CURRENT (mA)
0
6
7
250
3470a G19
5
4
50
100
150
200
8
TA = 25°C
VIN TO RUN/START
TA = 25°C unless otherwise noted.


Similar Part No. - LT3470A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3470A LINER-LT3470A Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470AEDDB-PBF LINER-LT3470AEDDB-PBF Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470AEDDB-TRPBF LINER-LT3470AEDDB-TRPBF Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470AIDDB-PBF LINER-LT3470AIDDB-PBF Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470AIDDB-TRPBF LINER-LT3470AIDDB-TRPBF Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
More results

Similar Description - LT3470A

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3470HTS8 LINEAR-LT3470HTS8 Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470EDDB LINER-LT3470EDDB Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Integrated Syste...
LT3470 LINEAR-LT3470 Datasheet
199Kb / 16P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470A LINER-LT3470A Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470 LINER-LT3470_15 Datasheet
290Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com