Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3467 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3467
Description  1.1A Step-Up DC/DC Converter with Integrated Soft-Start
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3467 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3467 Datasheet HTML 3Page - Linear Technology LT3467 Datasheet HTML 4Page - Linear Technology LT3467 Datasheet HTML 5Page - Linear Technology LT3467 Datasheet HTML 6Page - Linear Technology LT3467 Datasheet HTML 7Page - Linear Technology LT3467 Datasheet HTML 8Page - Linear Technology LT3467 Datasheet HTML 9Page - Linear Technology LT3467 Datasheet HTML 10Page - Linear Technology LT3467 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LT3467/LT3467A
7
3467afe
APPLICATIONS INFORMATION
GND
VIN
SW
SS
FB
VIN
2.6V TO 4.2V
D1
L1
2.7μH
R1
402k
LT3467
3467 TA05a
C2
15μF
C4
3.3pF
C1
4.7μF
R2
133k
VOUT
5V
765mA AT VIN = 4.2V,
540mA AT VIN = 3.3V,
360mA AT VIN = 2.6V
C1, C2: X5R OR X7R, 6.3V
D1: ON SEMICONDUCTOR MBRM120
L1: SUMIDA CR43-2R7
SHDN
OFF ON
C3
0.047μF
Figure 2. Single Li-Ion Cell to 5V Boost Converter (Same as 1st Page Application)
Table 1. Inductor Manufacturers
Sumida
(847) 956-0666
www.sumida.com
TDK
(847) 803-6100
www.tdk.com
Murata
(714) 852-2001
www.murata.com
FDK
(408) 432-8331
www.fdk.co.jp
Soft-Start
The soft-start feature provides a way to limit the inrush
current drawn from the supply upon start-up. An internal
250k resistor charges the external soft-start capacitor
to 1.255V. After the capacitor reaches 0.15V the rate of
voltage rise at the output of the comparator A1 tracks the
rate of voltage rise of the soft-start capacitor. This limits
the inrush current drawn from the supply during start-
up. The soft-start feature plays another important role in
applications where the switch will reach levels of 30V or
higher. During start-up, excessively high switch current,
together with the presence of high voltage can overstress
the switch. A properly used soft-start feature will keep the
switch current from overshooting. This practice will greatly
improve the robustness of such designs. Once the part is
shut down, the soft-start capacitor is quickly discharged
to 0.4V, then slowly discharged through the 250k resistor
to ground. If the part is to be shut down and re-enabled in
a short period of time while soft-start is used, you must
ensure that the soft-start capacitor has enough time to
discharge before re-enabling the part. Typical values of
the soft-start capacitor range from 10nF to 200nF.
Supply Current of Figure 2 During Start-Up
Without Soft-Start Capacitor
VOUT
1V/DIV
ISUPPLY
0.5A/DIV
0.1ms/DIV
3467 AI01
Supply Current of Figure 2 During Start-Up
with a 47nF Soft-Start Capacitor
VOUT
1V/DIV
ISUPPLY
0.5A/DIV
0.5ms/DIV
3467 AI02


Similar Part No. - LT3467

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3467 LINER-LT3467 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Linear Integrated Syste...
LT3467 LINEAR-LT3467 Datasheet
254Kb / 18P
   1.1A Step-Up DC/DC Converter with
logo
Linear Technology
LT3467A LINER-LT3467A Datasheet
268Kb / 16P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
More results

Similar Description - LT3467

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3467A LINER-LT3467A_15 Datasheet
276Kb / 18P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
LT3467 LINER-LT3467 Datasheet
268Kb / 16P
   1.1A Step-Up DC/DC Converter with Integrated Soft-Start
logo
Linear Integrated Syste...
LT3467AIS6 LINEAR-LT3467AIS6 Datasheet
254Kb / 18P
   1.1A Step-Up DC/DC Converter with
logo
National Semiconductor ...
LM3211 NSC-LM3211 Datasheet
821Kb / 21P
   Step-up PWM DC/DC Converter Integrated with 4 Buffers
LM2710 NSC-LM2710 Datasheet
853Kb / 20P
   Step-up PWM DC/DC Converter Integrated with 5 Buffers
logo
Unisonic Technologies
UC3552 UTC-UC3552_16 Datasheet
190Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LTC3105 LINER-LTC3105 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
logo
Unisonic Technologies
UC3552 UTC-UC3552 Datasheet
209Kb / 7P
   PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
logo
Linear Technology
LTC3105 LINER-LTC3105_15 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com