Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3466-1 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3466-1
Description  White LED Driver and Boost Converter in 3mm 3mm DFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466-1 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3466-1_15 Datasheet HTML 12Page - Linear Technology LT3466-1_15 Datasheet HTML 13Page - Linear Technology LT3466-1_15 Datasheet HTML 14Page - Linear Technology LT3466-1_15 Datasheet HTML 15Page - Linear Technology LT3466-1_15 Datasheet HTML 16Page - Linear Technology LT3466-1_15 Datasheet HTML 17Page - Linear Technology LT3466-1_15 Datasheet HTML 18Page - Linear Technology LT3466-1_15 Datasheet HTML 19Page - Linear Technology LT3466-1_15 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LT3466-1
34661f
TYPICAL APPLICATIO S
Li-Ion to 10 White LEDs and LCD Bias (
±8V) with Output Disconnect
Conversion Efficiency
CTRL1
CTRL2
RT
SW1
SW2
VIN
3V TO 5V
–8V
10mA
8V
10mA
L2
33
µH
CIN
1
µF
COUT1
1
µF
147k
CIN: TAIYO YUDEN JMK107BJ105
COUT1: TAIYO YUDEN UMK325BJ105
COUT2, COUT3: TAIYO YUDEN GMK316BJ105
C1, C2: TAIYO YUDEN UMK212BJ104
D1, D2: PHILIPS BAT54S
L1: 68
µH TOKO D52LC
L2: 33
µF TOKO D52LC
L1
68
µH
10 LEDs
LT3466-1
VOUT1
FB1
RFB1
16.5
34661 TA05a
VOUT2
FB2
ON
OFF
ON
OFF
COUT2
1
µF
COUT3
1
µF
909k
10k
C1
0.1
µF
D1
D2
C2
0.1
µF
LED CURRENT (mA)
0
72
74
76
78
80
84
2
46
8
34661 TA05b
10
12
82
VIN = 3.6V
10 LEDs
+8V/10mA
–8V/10mA
+8V OUTPUT
10V/DIV
–8V OUTPUT
10V/DIV
2ms/DIV
VIN = 3.6V
+8V/10mA
–8V/10mA
34661 TA05c
CTRL2
5V/DIV


Similar Part No. - LT3466-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466-1 LINER-LT3466-1 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
More results

Similar Description - LT3466-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
logo
Vishay Siliconix
TLHW490 VISHAY-TLHW490 Datasheet
183Kb / 6P
   White LED in 3mm T 1 Waterclear Package
Rev. 1.2, 31-Aug-04
logo
Linear Technology
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
logo
Linear Technology
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com