Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3466-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3466-1
Description  White LED Driver and Boost Converter in 3mm 3mm DFN Package
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3466-1_15 Datasheet HTML 4Page - Linear Technology LT3466-1_15 Datasheet HTML 5Page - Linear Technology LT3466-1_15 Datasheet HTML 6Page - Linear Technology LT3466-1_15 Datasheet HTML 7Page - Linear Technology LT3466-1_15 Datasheet HTML 8Page - Linear Technology LT3466-1_15 Datasheet HTML 9Page - Linear Technology LT3466-1_15 Datasheet HTML 10Page - Linear Technology LT3466-1_15 Datasheet HTML 11Page - Linear Technology LT3466-1_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT3466-1
34661f
OPERATIO
Main Control Loop
The LT3466-1 uses a constant frequency, current mode
control scheme to provide excellent line and load regula-
tion. It incorporates two similar, but fully independent PWM
converters. Operation can be best understood by referring
to the Block Diagram in Figure 2. The oscillator, start-up
bias and the bandgap reference are shared between the
two converters. The control circuitry, power switch, Schot-
tky diode etc., are similar for both converters.
At power-up, the output voltages VOUT1 and VOUT2 are
charged up to VIN (input supply voltage) via their respec-
tive inductor and the internal Schottky diode. If either
CTRL1 and CTRL2 or both are pulled high, the bandgap
reference, start-up bias and the oscillator are turned on.
Working of the main control loop can be understood by
following the operation of converter 1. At the start of each
oscillator cycle, the power switch Q1 is turned on. A
voltage proportional to the switch current is added to a
stabilizing ramp and the resulting sum is fed into the
positive terminal of the PWM comparator A2. When this
voltage exceeds the level at the negative input of A2, the
PWM logic turns off the power switch. The level at the
negative input of A2 is set by the error amplifier A1, and is
simply an amplified version of the difference between the
feedback voltage and the 200mV reference voltage. In this
manner, the error amplifier A1 regulates the voltage at the
FB1 pin to 200mV. The output of the error amplifier A1 sets
the correct peak current level in inductor L1 to keep the
output in regulation. The CTRL1 pin voltage is used to
adjust the feedback voltage.
The working of converter 2 is similar to converter 1 with
the exception that the feedback 2 reference voltage is
800mV. The error amplifier A1 in converter 2 regulates the
voltage at the FB2 pin to 800mV. If only one of the
converters is turned on, the other converter will stay off
and its output will remain charged up to VIN (input supply
voltage). The LT3466-1 enters into shutdown, when both
CTRL1 and CTRL2 are pulled lower than 70mV. The CTRL1
and CTRL2 pins perform independent dimming and shut-
down control for the two converters.
Minimum Output Current
The LT3466-1 can drive a 6-LED string at 3mA LED current
without pulse skipping. As current is further reduced, the
device may begin skipping pulses. This will result in some
low frequency ripple, although the LED current remains
regulated on an average basis down to zero. The photo in
Figure 3 shows circuit operation with 6 white LEDs at 3mA
current driven from 3.6V supply. Peak inductor current is
less than 50mA and the regulator operates in discontinu-
ous mode implying that the inductor current reached zero
during the discharge phase. After the inductor current
reaches zero, the switch pin exhibits ringing due to the LC
tank circuit formed by the inductor in combination with
switch and diode capacitance. This ringing is not harmful;
far less spectral energy is contained in the ringing than in
the switch transitions. The ringing can be damped by
application of a 300
Ω resistor across the inductors, al-
though this will degrade efficiency.
Overvoltage Protection
The LT3466-1 has internal overvoltage protection for both
converters. In the event the white LEDs are disconnected
from the circuit or fail open, the converter 1 output voltage
is clamped at 39.5V (typ). Figure 4(a) shows the transient
response of the circuit in Figure 1 with LED1 disconnected.
With the white LEDs disconnected, the converter 1 starts
switching at the peak current limit. The output of converter
1 starts ramping up and finally gets clamped at 39.5V (typ).
The converter 1 will then switch at low inductor current to
regulate the output voltage. Output voltage and input
current during output open circuit are shown in the Typical
Performance Characteristics graphs.
Figure 3. Switching Waveforms
VOUT1
20mV/DIV
(AC-COUPLED)
VSW1
20V/DIV
IL1
50mA/DIV
VIN = 3.6V
0.5
µs/DIV
34661 F03
ILED1 = 3mA
CIRCUIT OF FIGURE 1


Similar Part No. - LT3466-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466-1 LINER-LT3466-1 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
More results

Similar Description - LT3466-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Linear Technology
LT3471 LINER-LT3471 Datasheet
266Kb / 16P
   Dual 1.3A, 1.2MHz Boost/Inverter in 3mm x 3mm DFN
logo
Vishay Siliconix
TLHW490 VISHAY-TLHW490 Datasheet
183Kb / 6P
   White LED in 3mm T 1 Waterclear Package
Rev. 1.2, 31-Aug-04
logo
Linear Technology
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
logo
Linear Technology
LTC3428 LINER-LTC3428_15 Datasheet
225Kb / 12P
   4A, 2MHz Dual Phase Step-Up DC/DC Converter in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com