Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3466 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3466
Description  Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3466 Datasheet(HTML) 1 Page - Linear Technology

  LT3466_15 Datasheet HTML 1Page - Linear Technology LT3466_15 Datasheet HTML 2Page - Linear Technology LT3466_15 Datasheet HTML 3Page - Linear Technology LT3466_15 Datasheet HTML 4Page - Linear Technology LT3466_15 Datasheet HTML 5Page - Linear Technology LT3466_15 Datasheet HTML 6Page - Linear Technology LT3466_15 Datasheet HTML 7Page - Linear Technology LT3466_15 Datasheet HTML 8Page - Linear Technology LT3466_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT3466
3466fa
Dual Full Function White LED
Step-Up Converter with
Built-In Schottky Diodes
Figure 1. Li-Ion Powered Driver for 8/8 White LEDs
Drives Up to 20 White LEDs (10 in Series
per Converter) from a 3.6V Supply
Two Independent Step-Up Converters Capable of
Driving Asymmetric LED Strings
Independent Dimming and Shutdown Control
of the Two LED Strings
Internal Schottky Diodes
Internal Soft-Start Eliminates Inrush Current
Open LED Protection (39.5V Max VOUT)
Fixed Frequency Operation Up to 2MHz
81% Efficiency Driving 16 White LEDs at 15mA
(Eight per Driver) from a 3.6V Supply
Wide Input Voltage Range: 2.7V to 24V
Available in 10-Pin DFN and 16-Pin Thermally
Enhanced TSSOP Packages
, LTC and LT are registered trademarks of Linear Technology Corporation.
Main/Sub Displays
Digital Cameras, Sub-Notebook PCs
PDAs, Handheld Computers
Automotive
LT
®3466 is a dual full function step-up DC/DC converter
specifically designed to drive up to 20 White LEDs (10 in
series per converter) with a constant current. Series
connection of the LEDs provides identical LED currents
resulting in uniform brightness and eliminating the need
for ballast resistors and expensive factory calibration.
The two independent converters are capable of driving
asymmetric LED strings. The dimming of the two LED
strings can also be controlled independently. The LT3466
is ideal for providing backlight for main and sub-displays
in cell phones and other handheld devices.
The LT3466 operating frequency can be set with an
external resistor over a 200kHz to 2MHz range. A low
200mV feedback voltage minimizes power loss in the
current setting resistor for better efficiency. Additional
features include output voltage limiting when LEDs are
disconnected and internal soft-start.
The LT3466 is available in the 10-pin (3mm
× 3mm ×
0.75mm) DFN and 16-pin thermally enhanced TSSOP
packages.
CTRL1
GND CTRL2
RT
SW1
SW2
VIN
3V TO 5V
L2
47
µH
1
µF
2.2
µF
2.2
µF
LED1
LED2
L1
47
µH
LT3466
SHUTDOWN
AND DIMMING
CONTROL 2
SHUTDOWN
AND DIMMING
CONTROL 1
VOUT1
FB1
10
10
3466 F01a
VOUT2
FB2
63.4k
OFF ON
OFF ON
Conversion Efficiency
LED CURRENT (mA)
0
70
75
20
3466 F01b
60
50
65
55
5
10
15
85
VIN = 3.6V
8/8 LEDs
80
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT3466_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466-1 LINER-LT3466-1 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
LT3466-1 LINER-LT3466-1 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
More results

Similar Description - LT3466_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3466 LINER-LT3466 Datasheet
324Kb / 20P
   Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes
logo
Analog Intergrations Co...
AIC1648 AIC-AIC1648 Datasheet
375Kb / 10P
   Built-in OVP White LED Step-Up Converter
AIC3643 AIC-AIC3643 Datasheet
260Kb / 13P
   Built-in OVP White LED Step-Up Converter
logo
Holtek Semiconductor In...
HT7937 HOLTEK-HT7937_16 Datasheet
1Mb / 13P
   Built-in OVP White LED Step-up Converter
HT7937 HOLTEK-HT7937 Datasheet
827Kb / 13P
   Built-in OVP White LED Step-up Converter
logo
Linear Integrated Syste...
LT3497 LINEAR-LT3497 Datasheet
345Kb / 20P
   Dual Full Function White LED Driver with Integrated Schottky Diodes
logo
Linear Technology
LT3497 LINER-LT3497_15 Datasheet
351Kb / 20P
   Dual Full Function White LED Driver with Integrated Schottky Diodes
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Linear Technology
LT3465AES6 LINER-LT3465AES6 Datasheet
375Kb / 12P
   1.2MHz/2.4MHz White LED Step-Up Converters with Built-In Schottky in ThinSOT
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com