Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1882 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1882
Description  Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1882 Datasheet(HTML) 5 Page - Linear Technology

  LT1882 Datasheet HTML 1Page - Linear Technology LT1882 Datasheet HTML 2Page - Linear Technology LT1882 Datasheet HTML 3Page - Linear Technology LT1882 Datasheet HTML 4Page - Linear Technology LT1882 Datasheet HTML 5Page - Linear Technology LT1882 Datasheet HTML 6Page - Linear Technology LT1882 Datasheet HTML 7Page - Linear Technology LT1882 Datasheet HTML 8Page - Linear Technology LT1882 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LT1881/LT1882
5
18812fb
SYMBOL PARAMETER
CONDITIONS
C/I Grades
H/MP Grades
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
ΔIB+
Noninverting Bias Current Match
(LT1881/LT1882)
(Note 7)
0°C < TA < 70°C
– 40°C < TA < 85°C
– 40°C < TA < 125°C
– 55°C < TA < 125°C
l
l
l
l
250
700
900
1000
250
700
2000
2000
pA
pA
pA
pA
pA
ΔCMRR Common Mode Rejection Ratio
Match
(Notes 7, 9)
l
102
125
100
125
dB
ΔPSRR
Power Supply Rejection Match
(Notes 7, 9)
V= 0V, VCM = 1.5V
0°C < TA < 85°C, 2.7V < V+ < 32V
0°C < TA < 125°C, 2.7V < V+ < 32V
TA = –40°C, 3V < V+ < 32V
TA = –55°C, 3V < V+ < 32V
l
l
104
104
126
126
102
102
126
126
dB
dB
dB
dB
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Single supply operation VS = 5V, 0V; VCM = VS/2 unless otherwise noted.
(Note 5)
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
Split supply operation VS = ±15V, VCM = 0V unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
C/I Grades
H/MP Grades
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
VOS
Input Offset Voltage
(LT1881A)
0°C < TA < 70°C
– 40°C < TA < 85°C
l
l
25
50
85
110
μV
μV
μV
Input Offset Voltage
(LT1881/LT1882)
0°C < TA < 70°C
– 40°C < TA < 85°C
– 40°C < TA < 125°C
– 55°C < TA < 125°C
l
l
l
l
30
80
125
150
30
80
300
300
μV
μV
μV
μV
μV
ΔVOS/ΔT
Input Offset Voltage Drift
(Note 6)
0°C < TA < 70°C
– 40°C < TA < 85°C
– 40°C < TA < 125°C
– 55°C < TA < 125°C
l
l
l
l
0.3
0.3
0.8
0.8
0.3
0.3
0.8
0.8
μV/°C
μV/°C
μV/°C
μV/°C
ΔVOS/
ΔTIME
Long-Term Input Offset
Voltage Stability
0.3
0.3
μV/month
IOS
Input Offset Current (LT1881A)
0°C < TA < 70°C
– 40°C < TA < 85°C
l
l
100
200
250
300
pA
pA
pA
Input Offset Current
(LT1881/LT1882)
0°C < TA < 70°C
– 40°C < TA < 85°C
– 40°C < TA < 125°C
– 55°C < TA < 125°C
l
l
l
l
150
500
600
700
150
500
2000
2000
pA
pA
pA
pA
pA
IB
Input Bias Current (LT1881A)
0°C < TA < 70°C
– 40°C < TA < 85°C
l
l
100
200
250
300
pA
pA
pA
Input Bias Current
(LT1881/LT1882)
0°C < TA < 70°C
– 40°C < TA < 85°C
– 40°C < TA < 125°C
– 55°C < TA < 125°C
l
l
l
l
150
500
600
700
150
500
3000
3000
pA
pA
pA
pA
pA


Similar Part No. - LT1882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1882 LINER-LT1882 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882CS LINER-LT1882CS Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882CS LINER-LT1882CS Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882IS LINER-LT1882IS Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results

Similar Description - LT1882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com