Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1713 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1713
Description  Single/Dual, 7ns, Low Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1713 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1713_15 Datasheet HTML 6Page - Linear Technology LT1713_15 Datasheet HTML 7Page - Linear Technology LT1713_15 Datasheet HTML 8Page - Linear Technology LT1713_15 Datasheet HTML 9Page - Linear Technology LT1713_15 Datasheet HTML 10Page - Linear Technology LT1713_15 Datasheet HTML 11Page - Linear Technology LT1713_15 Datasheet HTML 12Page - Linear Technology LT1713_15 Datasheet HTML 13Page - Linear Technology LT1713_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1713/LT1714
Figure 2. Various Configurations for Introducing Hysteresis
+
50k
VIN
50
Q
Q
V+ = 5V
V= –5V
VHYST = 5mV
(ALL 3 CASES)
Q
Q
+
50k
VIN
VREF
50
Q
Q
+
100k
100k
VIN
+
VIN
50
50
171314 F02
LT1713
LT1713
LT1713
Hysteresis
Another useful technique to avoid oscillations is to provide
positive feedback, also known as hysteresis, from the
output to the input. Increased levels of hysteresis, how-
ever, reduce the sensitivity of the device to input voltage
levels, so the amount of positive feedback should be
tailored to particular system requirements. The
LT1713/LT1714 are completely flexible regarding the ap-
plication of hysteresis, due to rail-to-rail inputs and the
complementary outputs. Specifically, feedback resistors
can be connected from one or both outputs to their
corresponding inputs without regard to common mode
considerations. Figure 2 shows several configurations.
APPLICATIO S I FOR ATIO


Similar Part No. - LT1713_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1713CMS8 LINER-LT1713CMS8 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1713IMS8 LINER-LT1713IMS8 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
More results

Similar Description - LT1713_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1714 LINER-LT1714_15 Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX9203 MAXIM-MAX9203 Datasheet
408Kb / 8P
   Low-Cost, 7ns, Low-Power Voltage Comparators
Rev 1; 1/05
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Linear Technology
LTC5564 LINER-LTC5564_15 Datasheet
469Kb / 16P
   UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Analog Devices
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com