Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1713 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1713
Description  Single/Dual, 7ns, Low Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1713 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1713_15 Datasheet HTML 3Page - Linear Technology LT1713_15 Datasheet HTML 4Page - Linear Technology LT1713_15 Datasheet HTML 5Page - Linear Technology LT1713_15 Datasheet HTML 6Page - Linear Technology LT1713_15 Datasheet HTML 7Page - Linear Technology LT1713_15 Datasheet HTML 8Page - Linear Technology LT1713_15 Datasheet HTML 9Page - Linear Technology LT1713_15 Datasheet HTML 10Page - Linear Technology LT1713_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1713/LT1714
PI FU CTIO S
LT1713
V+ (Pin 1): Positive Supply Voltage, Usually 5V.
+ IN (Pin 2): Noninverting Input.
– IN (Pin 3): Inverting Input.
V(Pin 4): Negative Supply Voltage, Usually 0V or – 5V.
LATCH ENABLE (Pin 5): Latch Enable Input. With a logic
high the output is latched.
GND (Pin 6): Ground Supply Voltage, Usually 0V.
Q (Pin 7): Noninverting Output.
Q (Pin 8): Inverting Output.
LT1714
– IN A (Pin 1): Inverting Input of A Channel Comparator.
+ IN A (Pin 2): Noninverting Input of A Channel
Comparator.
V (Pins 3, 6): Negative Supply Voltage, Usually – 5V. Pins
3 and 6 should be connected together externally.
V + (Pins 4, 5): Positive Supply Voltage, Usually 5V. Pins
4 and 5 should be connected together externally.
+ IN B (Pin 7): Noninverting Input of B Channel
Comparator.
– IN B (Pin 8): Inverting Input of B Channel Comparator.
LATCH ENABLE B (Pin 9): Latch Enable Input of B Channel
Comparator. With a logic high, the B output is latched.
GND (Pin 10): Ground Supply Voltage of B Channel
Comparator, Usually 0V.
Q B (Pin 11): Noninverting Output of B Channel
Comparator.
Q B (Pin 12): Inverting Output of B Channel
Comparator.
Q A (Pin 13): Inverting Output of A Channel
Comparator.
Q A (Pin 14): Noninverting Output of A Channel
Comparator.
GND (Pin 15): Ground Supply Voltage of A Channel
Comparator, Usually 0V
LATCH ENABLE A (Pin 16): Latch Enable Input of A Chan-
nel Comparator. With a logic high, the A output is latched.


Similar Part No. - LT1713_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1713CMS8 LINER-LT1713CMS8 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
LT1713IMS8 LINER-LT1713IMS8 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
More results

Similar Description - LT1713_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1714 LINER-LT1714_15 Datasheet
238Kb / 16P
   Single/Dual, 7ns, Low Power
LT1394 LINER-LT1394 Datasheet
213Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1394 LINER-LT1394_15 Datasheet
228Kb / 16P
   7ns, Low Power, Single Supply, Ground-Sensing Comparator
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX9203 MAXIM-MAX9203 Datasheet
408Kb / 8P
   Low-Cost, 7ns, Low-Power Voltage Comparators
Rev 1; 1/05
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Linear Technology
LTC5564 LINER-LTC5564_15 Datasheet
469Kb / 16P
   UltraFast 7ns Response Time 15GHz RF Power Detector with Comparator
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Analog Devices
OP-221 AD-OP-221 Datasheet
362Kb / 8P
   DUAL LOW POWER OPERATIONAL AMPLIFIER, SINGLE OR DUAL SUPPLY
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
   Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com