Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UPD70732 Datasheet(PDF) 4 Page - NEC

Part No. UPD70732
Description  V810TM 32-BIT MICROPROCESSOR
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPD70732 Datasheet(HTML) 4 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
4
µPD70732
• 120-pin plastic TQFP (Fine pitch) (14 x 14 mm) (Top View)
µPD70732GC-25-9EV
Cautions 1. VDD is power supply pin. All VDD pins should be connected to a +5V power supply (the
same power supply).
2. GND is ground pin. All GND pins should be connected to the same GND.
3. Leave the IC1 pin open.
4. Connect the IC2 pin to GND.
Remark
IC: Internally Connected
1
2
3
4
5
6
7
8
10
11
13
14
15
18
19
20
21
22
24
25
26
27
28
29
9
12
16
17
23
30
VDD
D19
D20
D21
GND
D22
D23
D24
D26
D27
D29
D30
VDD
D31
A31
A30
A29
A28
A26
A25
A24
A23
GND
A22
D25
D28
GND
VDD
A27
VDD
90
89
88
78
76
75
74
61
87
86
85
84
83
82
81
80
79
77
73
72
71
70
69
68
67
66
65
64
63
62
IC1
IC2
IC2
VDD
GND
SIZ16B
DA
GND
ICHEEN
NMI
INT
INTV0
INTV1
INTV2
INTV3
BLOCK
GND
CLK
VDD
BCYST
HLDAK
ADRSERR
BE0
BE1
A1
BE2
BE3
R/W
MRQ
ST1
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD705102V832TM 32-BIT MICROPROCESSOR 1 2 3 4 5 MoreNEC
S3C280032-BIT RISC MICROPROCESSOR 1 2 3 4 5 MoreSamsung semiconductor
SAB-R2000AHIGH PERFORMANCE 32-BIT RISC MICROPROCESSOR 1 2 3 4 5 MoreSiemens Semiconductor Group
80960CF-4080960CF-40 -33 -25 -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR 1 2 3 4 5 MoreIntel Corporation
TS68040Third- Generation 32-bit Microprocessor 1 2 3 4 5 MoreATMEL Corporation
80386DX32-Bit Microprocessor 1 2 3 4 5 MoreMaxwell Technologies
80960JAEMBEDDED 32-BIT MICROPROCESSOR 1 2 3 4 5 MoreIntel Corporation
80960JA3.3 V EMBEDDED 32-BIT MICROPROCESSOR 1 2 3 4 5 MoreIntel Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn