Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P006-006-2 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P006-006-2
Description  Standard Power Cord Y Splitter Cable (NEMA 5-15P to 2x IEC-320-C13), 6-ft.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P006-006-2 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P006-006-2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P006-006-2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Length (m)
1.83
UPC ASSIGNMENT
Unit Carton UPC#
037332148971
PHYSICAL
Color
Black
Style
Power Cables
CONNECTIONS
Connector A
NEMA 5-15P
Connector B
IEC-320-C13 (X2)
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - P006-006-2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P006-006-13LA TRIPPLITE-P006-006-13LA Datasheet
162Kb / 3P
   NEMA 5-15P to Left-Angle IEC-320-C13 Power Extension Cable, Heavy Duty - 10A, 125V, 18 AWG, 6 ft., Black
P006-006-13RA TRIPPLITE-P006-006-13RA Datasheet
163Kb / 3P
   NEMA 5-15P to Right-Angle IEC-320-C13 Power Extension Cable, Heavy Duty - 10A, 125V, 18 AWG, 6 ft., Black
P006-006-515MF TRIPPLITE-P006-006-515MF Datasheet
165Kb / 2P
   Piggyback Extension Cord, NEMA 5-15P to 2x C13 - 13A, 125V, 16 AWG, 6 ft., Black
P006-006-HG10 TRIPPLITE-P006-006-HG10 Datasheet
164Kb / 3P
   Hospital-Grade Power Cord, NEMA 5-15P to C13 - Green Dot, 10A, 125V, 18 AWG, 6 ft. (1.83 m), Black
P006-006-HG13CL TRIPPLITE-P006-006-HG13CL Datasheet
164Kb / 3P
   Hospital-Grade Power Cord, NEMA 5-15P to C13 - Green Dot, 13A, 125V, 16 AWG, 6 ft. (1.83 m), Clear Plugs
More results

Similar Description - P006-006-2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P0060062 TRIPPLITE-P0060062 Datasheet
490Kb / 2P
   Universal Power Extension Cord Y Splitter Cable (NEMA 5-15P to 2x IEC-320-C13), 6-ft
P004-006-2C13 TRIPPLITE-P004-006-2C13 Datasheet
482Kb / 2P
   Computer Power Extension Cord Y Splitter Cable, 10A, 18AWG (IEC-320-C14 to 2x IEC-320-C13), 6-ft
P0220012 TRIPPLITE-P0220012 Datasheet
477Kb / 2P
   Standard Power Extension Cord Y Splitter Cable, 10A, 18AWG (NEMA 5-15P to 2x NEMA 5-15R), 1-ft
P006006 TRIPPLITE-P006006 Datasheet
472Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 6-ft
P0040062C13 TRIPPLITE-P0040062C13 Datasheet
479Kb / 2P
   Y Splitter Computer Power Extension Cord, 10A,18AWG (IEC-320-C14 to 2x IEC-320-C13)
P0320022C13 TRIPPLITE-P0320022C13 Datasheet
472Kb / 2P
   Heavy-Duty Power Splitter Y Cable, 15A, 14AWG (IEC-320-C20 to 2x IEC-320-C13), 2-ft
P0300025 TRIPPLITE-P0300025 Datasheet
468Kb / 2P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 5-Pack, 2-ft
P006006515MF TRIPPLITE-P006006515MF Datasheet
494Kb / 2P
   Piggyback Power Extension Cord, 13A, 16AWG (NEMA 5-15P/R to IEC-320-C13), 6-ft
P007-006 TRIPPLITE-P007-006 Datasheet
483Kb / 2P
   Heavy-Duty Computer Power Cord, 14AWG 15A (NEMA 5-15P to IEC-320-C13), 6-ft.
P007006 TRIPPLITE-P007006 Datasheet
483Kb / 2P
   Heavy-Duty Computer Power Cord, 10A, 14AWG (NEMA 5-15P to IEC-320-C13), 6-ft
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com