Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1490A Datasheet(PDF) 1 Page - Linear Technology

Part # LT1490A
Description  Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1490A Datasheet(HTML) 1 Page - Linear Technology

  LT1490A Datasheet HTML 1Page - Linear Technology LT1490A Datasheet HTML 2Page - Linear Technology LT1490A Datasheet HTML 3Page - Linear Technology LT1490A Datasheet HTML 4Page - Linear Technology LT1490A Datasheet HTML 5Page - Linear Technology LT1490A Datasheet HTML 6Page - Linear Technology LT1490A Datasheet HTML 7Page - Linear Technology LT1490A Datasheet HTML 8Page - Linear Technology LT1490A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LT1490A/LT1491A
1
14901afd
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual/Quad Over-The-Top
Micropower Rail-to-Rail
Input and Output Op Amps
The LT®1490A/LT1491A are dual and quad op amps with a
low input offset voltage of 500μV max. The LT1490A/LT1491A
operate on all single and split supplies with a total voltage of
2V to 44V, drawing only 40μA of quiescent current per ampli-
fier. These amplifiers are reverse supply protected; they draw
virtually no current for reverse supply up to 18V. The input
range of the LT1490A/LT1491A includes both supplies and
the output swings to both supplies. Unlike most micropower
op amps, the LT1490A/LT1491A can drive heavy loads; their
rail-to-rail outputs drive 20mA. The LT1490A/LT1491A are
unity-gain stable and drive all capacitive loads up to 10,000pF
when optional 0.22μF and 150Ω compensation is used.
The LT1490A/LT1491A have a unique input stage that oper-
ates and remains high impedance when above the positive
supply. The inputs take 44V both differential and common
mode even when operating on a 3V supply. Built-in resistors
protect the inputs for faults below the negative supply up to
15V. There is no phase reversal of the output for inputs 15V
below Vor 44V above V, independent of V+.
The LT1490A dual op amp is available in the 8-pin MSOP, PDIP
and SO packages. For space limited applications LT1490A is
available in a 3mm
× 3mm × 0.8mm, dual fine pitch leadless
package (DFN). The quad LT1491A is available in the 14-pin
SO, PDIP and 5mm
× 3mm × 0.8mm DFN packages.
Battery Monitor
APPLICATIONS
n Low Input Offset Voltage: 500μV Max
n Output Swings to 10mV Max from V
n Rail-to-Rail Input and Output
n Micropower: 50μA/Amplifier Max
n Over-The-Top® Input Common Mode Range Extends
44V Above V, Independent of V+
n Specified on 3V, 5V and ±15V Supplies
n High Output Current: 20mA
n Output Drives 10,000pF with Output Compensation
n Reverse Battery Protection to 18V
n No Supply Sequencing Problems
n High Voltage Gain: 1500V/mV
n High CMRR: 98dB
n No Phase Reversal
n Gain Bandwidth Product: 200kHz
n Tiny 3mm
× 3mm × 0.8mm DFN Package
n Battery- or Solar-Powered Systems
Portable Instrumentation
Sensor Conditioning
n Supply Current Sensing
n Battery Monitoring
n Micropower Active Filters
n 4mA to 20mA Transmitters
L, LT, LTC, LTM, Over-The-Top, Linear Technology and the Linear logo are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents including 5825228.
+
+
RA
2k
Q2
2N3904
S1
S1 = OPEN, GAIN = 1
S1 = CLOSED, GAIN = 10
RA = RB
VS = 5V, 0V
10k
90.9k
VOUT
LOGIC
1490A TA01
LOGIC HIGH (5V) = CHARGING
LOGIC LOW (0V) = DISCHARGING
RG
10k
Q1
2N3904
RS
0.2Ω
CHARGER
VOLTAGE
1/4 LT1491A
1/4 LT1491A
RA´
2k
RB
2k
VBATT = 12V
IBATT
+
RB´
2k
LOAD
+
+
VOUT
(RS)(RG/RA)(GAIN)
VOUT
GAIN
IBATT =
=
AMPS
1/4 LT1491A
1/4 LT1491A


Similar Part No. - LT1490A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490A LINER-LT1490A Datasheet
201Kb / 12P
   Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1490A LINER-LT1490A Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A Datasheet
860Kb / 22P
   Dual/Quad 3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amp
LT1490A LINER-LT1490A Datasheet
1,014Kb / 22P
   3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
LT1490A LINER-LT1490A Datasheet
770Kb / 22P
   Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
More results

Similar Description - LT1490A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1673 LINER-LT1673_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
   Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A Datasheet
201Kb / 12P
   Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636 Datasheet
136Kb / 12P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_15 Datasheet
398Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
   Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1639 LINER-LT1639_15 Datasheet
262Kb / 18P
   1.2MHz, 0.4V/s Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com