Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P006-004-GN Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P006-004-GN
Description  Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Green Plugs) 4-ft.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P006-004-GN Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P006-004-GN Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P006-004-GN Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P006-004-GN Datasheet HTML 3Page - Tripp Lite. All Rights Reserved P006-004-GN Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Standard Computer Power Cord, 10A, 18AWG
(NEMA 5-15P to IEC-320-C13 with Green Plugs) 4-ft.
MODEL NUMBER: P006-004-GN
Description
Tripp Lite's line of Color-Coded AC Power Cords offer quick identification of your computer cables. This 4-ft. cable with green connectors will replace the power
cable on most computers and peripherals that have a removable power cord. Cable features an AC style plug (NEMA 5-15P) on one end and a computer
style receptacle (IEC-320-C13) on the other end. UL Listed.
Features
Green color-coded 5-15P to C13 connectors
4-ft replacement power cable for a PC, printer, monitor, etc.
18AWG, 10AMP, 125Volt
UL Listed
Specifications
OVERVIEW
Intended Application
Powering Devices
Cable Type
POWER
Model Type
Power Cords
INPUT
Cable Length (ft.)
4
Cable Length (m)
1.2
UPC ASSIGNMENT
Highlights
Green color-coded 5-15P and
C13 connectors
18AWG, 10A, 125V
UL Listed
Applications
Color-coding of connected power
equipment.
Package Includes
4-ft 5-15P to C13 Power Cord
with Green Connectors
1 / 3


Similar Part No. - P006-004-GN

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P006-004-BL TRIPPLITE-P006-004-BL Datasheet
492Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs) 4-ft
P006-004-RD TRIPPLITE-P006-004-RD Datasheet
488Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG(NEMA 5-15P to IEC-320-C13 with Red Plugs) 4-ft
P006-004-YW TRIPPLITE-P006-004-YW Datasheet
489Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Yellow Plugs) 4-ft.
More results

Similar Description - P006-004-GN

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P006-004-BL TRIPPLITE-P006-004-BL Datasheet
492Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs) 4-ft
P006-004-RD TRIPPLITE-P006-004-RD Datasheet
488Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG(NEMA 5-15P to IEC-320-C13 with Red Plugs) 4-ft
P006-004-YW TRIPPLITE-P006-004-YW Datasheet
489Kb / 4P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Yellow Plugs) 4-ft.
P006004GN TRIPPLITE-P006004GN Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Green Plugs), 4-ft
P006004BL TRIPPLITE-P006004BL Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Blue Plugs), 4-ft
P006004YW TRIPPLITE-P006004YW Datasheet
481Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Yellow Plugs), 4-ft
P006004RD TRIPPLITE-P006004RD Datasheet
480Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13 with Red Plugs), 4-ft
P006004 TRIPPLITE-P006004 Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 4-ft
P0300025 TRIPPLITE-P0300025 Datasheet
468Kb / 2P
   Standard Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 5-Pack, 2-ft
P006006 TRIPPLITE-P006006 Datasheet
472Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 6-ft
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com