Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1358 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1358
Description  Dual and Quad 25MHz, 600V/s Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1358 Datasheet(HTML) 5 Page - Linear Technology

  LT1358 Datasheet HTML 1Page - Linear Technology LT1358 Datasheet HTML 2Page - Linear Technology LT1358 Datasheet HTML 3Page - Linear Technology LT1358 Datasheet HTML 4Page - Linear Technology LT1358 Datasheet HTML 5Page - Linear Technology LT1358 Datasheet HTML 6Page - Linear Technology LT1358 Datasheet HTML 7Page - Linear Technology LT1358 Datasheet HTML 8Page - Linear Technology LT1358 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LT1358/LT1359
135859fb
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Differential inputs of
±10V are appropriate for transient operation
only, such as during slewing. Large, sustained differential inputs will cause
excessive power dissipation and may damage the part. See Input
Considerations in the Applications Information section of this data sheet
for more details.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: Slew rate is measured between
±10V on the output with ±6V input
for
±15V supplies and ±1V on the output with ±1.75V input for ±5V
supplies.
Note 5: Full power bandwidth is calculated from the slew rate
measurement: FPBW = (SR)/2
πVP.
Note 6: This parameter is not 100% tested.
Note 7. The LT1358C/LT1359C and LT1358I/LT1359I are guaranteed
functional over the operating temperature range of –40
°C to 85°C.
Note 8: The LT1358C/LT1359C are guaranteed to meet specified
performance from 0
°C to 70°C. The LT1358C/LT1359C are designed,
characterized and expected to meet specified performance from – 40
°C to
85
°C, but are not tested or QA sampled at these temperatures. The
LT1358I/LT1359I are guaranteed to meet specified performance from
–40
°C to 85°C.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
±15V
1.3
mV
± 5V
1.3
mV
± 2.5V
1.5
mV
Input VOS Drift
(Note 6)
± 2.5V to ±15V
58
µV/°C
IOS
Input Offset Current
± 2.5V to ±15V
300
nA
IB
Input Bias Current
± 2.5V to ±15V
900
nA
CMRR
Common Mode Rejection Ratio
VCM = ±12V
±15V
80
dB
VCM = ±2.5V
± 5V
76
dB
VCM = ±0.5V
± 2.5V
66
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.5V to ±15V
90
dB
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL = 1k
±15V
10.0
V/mV
VOUT = ±10V, RL = 500Ω
±15V
2.5
V/mV
VOUT = ±2.5V, RL = 1k
±5V
10.0
V/mV
VOUT = ±2.5V, RL = 500Ω
±5V
2.5
V/mV
VOUT = ±2.5V, RL = 150Ω
±5V
0.6
V/mV
VOUT = ±1V, RL = 500Ω
±2.5V
2.5
V/mV
VOUT
Output Swing
RL = 1k, VIN = ±40mV
±15V
13.0
±V
RL = 500Ω, VIN = ±40mV
±15V
12.0
±V
RL = 500Ω, VIN = ±40mV
±5V
3.4
±V
RL = 150Ω, VIN = ±40mV
±5V
2.6
±V
RL = 500Ω, VIN = ±40mV
±2.5V
1.2
±V
IOUT
Output Current
VOUT = ±12V
±15V
24.0
mA
VOUT = ±2.6V
±5V
17.3
mA
ISC
Short-Circuit Current
VOUT = 0V, VIN = ±3V
±15V
24
mA
SR
Slew Rate
AV = – 2, (Note 4)
±15V
180
V/
µs
±5V
100
V/
µs
GBW
Gain Bandwidth
f = 200kHz, RL = 2k
±15V
14
MHz
±5V
11
MHz
Channel Separation
VOUT = ±10V, RL = 500Ω
±15V
98
dB
IS
Supply Current
Each Amplifier
±15V
3.0
mA
Each Amplifier
±5V
2.9
mA
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the temperature range –
40
°C ≤ TA ≤ 85°C, VCM = 0V unless otherwise noted. (Note 8)


Similar Part No. - LT1358

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
   Dual and Quad 25MHz, 600V/us Op Amps
logo
Linear Integrated Syste...
LT1358 LINEAR-LT1358 Datasheet
453Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1358 LINER-LT1358 Datasheet
1Mb / 20P
   90MHz, 2200V/關s 30V Low Power Op Amps
LT1358 LINER-LT1358 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LT1358 LINER-LT1358 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LT1358

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1359CS14 LINEAR-LT1359CS14 Datasheet
453Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
logo
Linear Technology
LT1359 LINER-LT1359_15 Datasheet
483Kb / 16P
   Dual and Quad 25MHz, 600V/s Op Amps
LT1358 LINER-LT1358 Datasheet
259Kb / 12P
   Dual and Quad 25MHz, 600V/us Op Amps
LT1357 LINER-LT1357_15 Datasheet
261Kb / 12P
   25MHz, 600V/s Op Amp
LT1362 LINER-LT1362_15 Datasheet
235Kb / 12P
   Dual and Quad 50MHz, 800V/s Op Amps
LT1355 LINER-LT1355_15 Datasheet
681Kb / 16P
   Dual and Quad 12MHz, 400V/s Op Amps
LT1208 LINER-LT1208_15 Datasheet
276Kb / 12P
   Dual and Quad 45MHz, 400V/s Op Amps
LT1209 LINER-LT1209_15 Datasheet
276Kb / 12P
   Dual and Quad 45MHz, 400V/s Op Amps
LT1364 LINER-LT1364_15 Datasheet
229Kb / 12P
   Dual and Quad 70MHz, 1000V/s Op Amps
LT1365 LINER-LT1365_15 Datasheet
229Kb / 12P
   Dual and Quad 70MHz, 1000V/s Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com