Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD72042B Datasheet(PDF) 90 Page - Renesas Technology Corp

Part No. PD72042B
Description  LSI DEVICE FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

PD72042B Datasheet(HTML) 90 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
µPD72042B
88
Data Sheet S13990EJ3V0DS
APPENDIX A MAIN DIFFERENCES BETWEEN
µPD72042A, µPD72042B, AND µPD6708
Item
µPD72042A
µPD72042B
µPD6708
Product
Oscillation frequency (fX)
6 MHz
12 MHz
Operating voltage (VDD)5 V
±10 %
Operating ambient temperature (TA)
–40 to +85
°C
IEBus
Communication mode
Mode 0, 1
Mode 0, 1, 2
Driver/receiver
Built-in
Transmission buffer
33 bytes
4 bytes
Reception buffer
40 bytes
20 bytes
Interface with microcomputerNote
Serial interface (3-wire/2-wire)
Serial interface (3-wire)
MSB first
LSB first
MSB first
Package
16-pin plastic SOP (9.53 mm (375))
16-pin plastic SOP
(7.62 mm (300))
16-pin plastic DIP
(7.62 mm(300))
Note
The setting method for the commands, data, and related pins for the
µPD72042A and µPD72042B differs
from that for the
µPD6708.
APPENDIX B IEBus PROTOCOL ANALYZER
Naito Densei Machida Mfg. Co., Ltd. offers an IEBus protocol analyzer for monitoring communication on IEBus
and evaluating application systems. For details of its functions and to place an order, contact:
Naito Densei Machida Mfg. Co., Ltd.
NKY Shin Yokohama Bldg. 4F, 2-7-20, Shin-Yokohama,
Kohoku-ku, Yokohama, Kanagawa 222-0033, JAPAN
TEL
045 (475) 4191
FAX 045 (475) 4091


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn