Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD72042B Datasheet(PDF) 67 Page - Renesas Technology Corp

Part No. PD72042B
Description  LSI DEVICE FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

PD72042B Datasheet(HTML) 67 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
(6) Slave reception timing example 2
CMR
FLG
LOCK
CEX
MARQ
STRQ
SLRE
MARC
SLRC
"0"
IRQ pin
RFL
RCR
STR
LOR1, LOR2
Communication frame
RBF
"0"
Minimum time
(when fX = 6 MHz)
Data-length
bits: 24
PA
0
Data 1
PA
0
Data 22
PA
0
Data 23
PA
1
PA
0
Data 23
PA
0
Data 24
(last)
0100 (Slave reception started)
0101 (Slave reception buffer full)
0110
(Slave reception terminated normally)
ACK
ACK
ACK
NAK
ACK
ACK
Lock address
Approx. 1570
s (mode 0)
Approx. 390
s (mode 1)
µ
µ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn