Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD72042B Datasheet(PDF) 49 Page - Renesas Technology Corp

Part No. PD72042B
Description  LSI DEVICE FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

PD72042B Datasheet(HTML) 49 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
µPD72042B
47
Data Sheet S13990EJ3V0DS
Table 4-3
MARC Return Codes for Master Communication
MARC
Description
0100
1. Meaning: Master reception has started.
2. Occurrence condition:
1 The unit has won the arbitration to become the master unit, and a communication frame up to the
data-length field was transferred successfully.
2 When the control field is received, RBF becomes ready for receptionNote.
After the data-length field, 0000 is set in MARC, and three-byte data consisting of a slave address,
control bits, and data-length bits is set in RBF. If RBF becomes full when this three-byte data is set,
0001 is set in MARC.
3. Microcomputer processing: Three-byte data consisting of a slave address, control bits, and data-
length bits can be read from RBF.
0101
1. Meaning: The master reception buffer is full.
2. Occurrence condition: This return code is issued when RBF becomes full during data reception as the
master unit, and reception data cannot be set in RBF.
3. Microcomputer processing: If data consisting of one or more bytes is not read from RBF within the
time below, the one-byte data cannot be received, and the
µPD72042B returns an NAK.
• Reception data read time:
Approx. 1570
µs (mode 0)
Approx. 390
µs (mode 1)
0110
1. Meaning: Master reception was terminated normally.
2. Occurrence condition: This return code is issued when as much data as the amount specified in the
data-length field has been received normally in a communication frame. In this case, the MARQ flag of
the FLG register changes from 1 to 0.
3. Microcomputer processing: Reception data can be read from RBF, and the number of bytes of
master reception data can be read from RDR1.
0111
1. Meaning: Master reception was aborted.
2. Occurrence condition: This return code is issued in any of the following cases. In each case, the
MARQ flag of the FLG register changes from 1 to 0.
When the unit has lost the arbitration to become the master unit.
When a transmission is stopped because the NAK is returned from the slave unit at the end of the
slave address field or the control field of a communication frame or because the NAK is sent to the
slave unit at the end of the data-length field of a communication frame (excluding the broadcast).
When a communication is terminated prior to the reception of as much data as the amount specified
in the data-length field of a communication frame.
3. Microcomputer processing: Reception data can be read from RBF, and the number of bytes of
master reception data can be read from RDR1.
Note
See Note of Table 4-9.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn