Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1229 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1229
Description  Dual and Quad 100MHz Current Feedback Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1229 Datasheet(HTML) 1 Page - Linear Technology

  LT1229 Datasheet HTML 1Page - Linear Technology LT1229 Datasheet HTML 2Page - Linear Technology LT1229 Datasheet HTML 3Page - Linear Technology LT1229 Datasheet HTML 4Page - Linear Technology LT1229 Datasheet HTML 5Page - Linear Technology LT1229 Datasheet HTML 6Page - Linear Technology LT1229 Datasheet HTML 7Page - Linear Technology LT1229 Datasheet HTML 8Page - Linear Technology LT1229 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1229/LT1230
TYPICAL APPLICATIO
APPLICATIO S
DESCRIPTIO
FEATURES
Dual and Quad 100MHz
Current Feedback Amplifiers
The LT
®1229/LT1230 dual and quad 100MHz current
feedback amplifiers are designed for maximum perfor-
mance in small packages. Using industry standard pinouts,
the dual is available in the 8-pin miniDIP and the 8-pin SO
package while the quad is in the 14-pin DIP and 14-pin SO.
The amplifiers are designed to operate on almost any
available supply voltage from 4V (
±2V) to 30V (±15V).
These current feedback amplifiers have very high input
impedance and make excellent buffer amplifiers. They
maintain their wide bandwidth for almost all closed-loop
voltage gains. The amplifiers drive over 30mA of output
current and are optimized to drive low impedance loads,
such as cables, with excellent linearity at high frequencies.
The LT1229/LT1230 are manufactured on Linear
Technology’s proprietary complementary bipolar process.
For a single amplifier like these see the LT1227 and for
better DC accuracy see the LT1223.
s
100MHz Bandwidth
s
1000V/
µs Slew Rate
s
Low Cost
s
30mA Output Drive Current
s
0.04% Differential Gain
s
0.1
° Differential Phase
s
High Input Impedance: 25M
Ω, 3pF
s
Wide Supply Range:
±2V to ±15V
s
Low Supply Current: 6mA Per Amplifier
s
Inputs Common Mode to Within 1.5V of Supplies
s
Outputs Swing Within 0.8V of Supplies
s
Video Instrumentation Amplifiers
s
Cable Drivers
s
RGB Amplifiers
s
Test Equipment Amplifiers
+
VOUT
LT1229 • TA01
12.1k
RF2
750
1% RESISTORS
WORST CASE CMRR = 22dB
TYPICALLY = 38dB
VOUT = G (VIN+ – VIN–)
RF1 = RF2
RG1 = (G – 1) RF2
RG2 =
TRIM CMRR WITH RG1
HIGH INPUT RESISTANCE DOES NOT LOAD CABLE EVEN
WHEN POWER IS OFF
1/2
LT1229
RF2
G – 1
RG2
187
RF1
750
RG1
3.01k
+
1/2
LT1229
3.01k
3.01k
12.1k
VIN–
VIN+
BNC INPUTS
Video Loop Through Amplifier
Loop Through Amplifier Frequency
Response
FREQUENCY (Hz)
10
–60
–50
–40
–30
–20
–10
10
100
1k
10k
100M
LT1229 • TA02
100k
1M
10M
0
COMMON MODE SIGNAL
NORMAL SIGNAL
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LT1229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229C LINER-LT1229C Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229CJ8 LINER-LT1229CJ8 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229CN8 LINER-LT1229CN8 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1229CS8 LINER-LT1229CS8 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
More results

Similar Description - LT1229

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
   Dual/Quad 130MHz Current Feedback Amplifiers
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com