Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD16823 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PD16823
Description  MONOLITHIC H BRIDGE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16823 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PD16823_15 Datasheet HTML 2Page - Renesas Technology Corp PD16823_15 Datasheet HTML 3Page - Renesas Technology Corp PD16823_15 Datasheet HTML 4Page - Renesas Technology Corp PD16823_15 Datasheet HTML 5Page - Renesas Technology Corp PD16823_15 Datasheet HTML 6Page - Renesas Technology Corp PD16823_15 Datasheet HTML 7Page - Renesas Technology Corp PD16823_15 Datasheet HTML 8Page - Renesas Technology Corp PD16823_15 Datasheet HTML 9Page - Renesas Technology Corp PD16823_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
µPD16823
4
TYPICAL CHARACTERISTICS (TA = 25
°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
25
50
75
100
125
150
PT vs. TA Characteristics
Ambient temperature TA (˚C)
40
35
30
25
20
15
10
5
0
57
IG vs. VG Characteristics
Gate aplied voltage VG (V)
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–20
0
2040
6080
RON vs. TA Characteristics
Ambient temperature TA (˚C)
1.6
1.2
0.8
0.4
0
24
6
8
IDD vs. VDD Characteristics
Supply voltage VDD (V)
1.2
1.0
0.8
0.6
0.4
0.2
0
510
15
RON vs. VG Characteristics
Gate applied voltage VG (V)
8
9
10
11 12
13 14
15
6
VDD = 5 V
All control pins: H level
VDD = 5 V
–40
IDR = 0.5 A
VDD = VM = 5 V


Similar Part No. - PD16823_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
PD168103 RENESAS-PD168103_15 Datasheet
368Kb / 22P
   5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results

Similar Description - PD16823_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16823 NEC-UPD16823 Datasheet
71Kb / 8P
   MONOLITHIC H BRIDGE DRIVER
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD168302 NEC-UPD168302 Datasheet
86Kb / 12P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
   MONOLITHIC QUAD H BRIDGE DRIVER
logo
Renesas Technology Corp
PD168302 RENESAS-PD168302_15 Datasheet
223Kb / 14P
   MONOLITHIC 2CH H-BRIDGE DRIVER
logo
NEC
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16803 RENESAS-PD16803_15 Datasheet
297Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com