Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6421-20 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6421-20
Description  Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6421-20 Datasheet(HTML) 4 Page - Linear Technology

  LTC6421-20_15 Datasheet HTML 1Page - Linear Technology LTC6421-20_15 Datasheet HTML 2Page - Linear Technology LTC6421-20_15 Datasheet HTML 3Page - Linear Technology LTC6421-20_15 Datasheet HTML 4Page - Linear Technology LTC6421-20_15 Datasheet HTML 5Page - Linear Technology LTC6421-20_15 Datasheet HTML 6Page - Linear Technology LTC6421-20_15 Datasheet HTML 7Page - Linear Technology LTC6421-20_15 Datasheet HTML 8Page - Linear Technology LTC6421-20_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6421-20
4
642120fb
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔG
Gain Matching
f = 100MHz (Note 9)
l
±0.1
±0.25
dB
ΔP
Phase Matching
f = 100MHz
±0.2
deg
Channel Separation (Note 8)
f = 100MHz
80
dB
–3dBBW
–3dB Bandwidth
200mVP-P, OUT (Note 6)
1.3
GHz
0.5dBBW
Bandwidth for 0.5dB Flatness
200mVP-P, OUT (Note 6)
250
MHz
0.1dBBW
Bandwidth for 0.1dB Flatness
200mVP-P, OUT (Note 6)
130
MHz
NF
Noise Figure
RL = 375Ω (Note 5), f = 100MHz
6.2
dB
eIN
Input Referred Voltage Noise Density
Includes Resistors (Short Inputs), f = 100MHz
2.2
nV/√Hz
eON
Output Referred Voltage Noise Density Includes Resistors (Short Inputs), f = 100MHz
22
nV/√Hz
1/f
1/f Noise Corner
12.5
kHz
SR
Slew Rate
Differential (Note 6)
4500
V/μs
tS1%
1% Settling Time
2VP-P, OUT (Note 6)
2
ns
tOVDR
Overdrive Recovery Time
1.9VP-P, OUT (Note 6) Single Ended
7
ns
P1dB
1dB Compression Point
RL = 375Ω (Notes 5, 7), f = 100MHz
18
dBm
tON
Turn-On Time
+OUT, –OUT Within 10% of Final Values
80
ns
tOFF
Turn-Off Time
ICC Falls to 10% of Nominal
150
ns
–3dBBWVOCM
VOCM Pin Small Signal –3dB BW
0.1VP-P at VOCM, Measured Single-Ended at
Output (Note 6)
15
MHz
IMD3
3rd Order Intermodulation Distortion
f = 100MHz (1MHz Spacing),
VOUT = 2VP-P Composite
–76
dBc
OIP3
3rd Order Output Intercept
f = 100MHz (Note 7)
42
dBc
IIP3
3rd Order Input Intercept
f = 100MHz (ZIN = 50Ω)
f = 100MHz (ZIN = 200Ω)
22
16
dBc
dBc
HD2
2nd Order Harmonic Distortion
f = 100MHz, VOUT = 2VP-P
–74
dBc
HD3
3rd Order Harmonic Distortion
f = 100MHz, VOUT = 2VP-P
–78
dBc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Input pins (+IN, –IN) are protected by steering diodes to either
supply. If the inputs go beyond either supply rail, the input current should
be limited to less than 10mA.
Note 3: The LTC6421C and LTC6421I are guaranteed functional over the
operating temperature range of –40°C to 85°C.
Note 4: The LTC6421C is guaranteed to meet specified performance from
0°C to 70°C. It is designed, characterized and expected to meet specified
performance from –40°C to 85°C but is not tested or QA sampled at these
temperatures. The LTC6421I is guaranteed to meet specified performance
from –40°C to 85°C.
Note 5: Input and output baluns used. See Test Circuit A.
Note 6: Measured using Test Circuit B. RL = 87.5Ω on each output.
Note 7: Since the LTC6421-20 is a feedback amplifier with low output
impedance, a resistive load is not required when driving an AD converter.
Therefore, typical output power is very small. In order to compare the
LTC6421-20 with amplifiers that require 50Ω output load, the output
voltage swing driving a given RL is converted to OIP3 and P1dB as if it were
driving a 50Ω load. Using this modified convention, 2VP-P is by definition
equal to 10dBm, regardless of actual RL.
Note 8: Channel separation (the inverse of crosstalk) is measured by
driving a signal into one input, while terminating the other input. Channel
separation is the ratio of the resulting output signal at the driven channel
to the channel that is not driven.
Note 9: Not production tested. Guaranteed by design and by correlation to
production tested parameters.
Note 10: The output swing range is at least 2VP-P differential even when
sourcing or sinking 20mA. Tested at VOCM = 1.5V.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, VOCM = 1.25V, ENABLE = 0V, No RL unless otherwise
noted.


Similar Part No. - LTC6421-20_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6421-20 LINER-LTC6421-20 Datasheet
264Kb / 16P
   Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
LTC6421-20 LINER-LTC6421-20 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC6421-20 LINER-LTC6421-20 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC6421-20 LINER-LTC6421-20 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC6421-20 LINER-LTC6421-20 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
More results

Similar Description - LTC6421-20_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6421CUDC-20 LINEAR-LTC6421CUDC-20 Datasheet
229Kb / 16P
   Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
logo
Linear Technology
LTC6421-20 LINER-LTC6421-20 Datasheet
264Kb / 16P
   Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
LTC6420-20 LINER-LTC6420-20_15 Datasheet
227Kb / 14P
   Dual Matched 1.8GHz Differential Amplifi ers/ADC Drivers
LTC6420-20 LINER-LTC6420-20 Datasheet
213Kb / 12P
   Dual Matched 1.8GHz Differential Amplifi ers/ADC Drivers
logo
MRV Communications, Inc...
EM316EDFA-BR MRV-EM316EDFA-BR Datasheet
618Kb / 3P
   Optical Amplifi ers
logo
Linear Technology
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
logo
DATEL, Inc.
AM-500 DATEL-AM-500 Datasheet
129Kb / 4P
   Ultra-Fast Operational Amplifi ers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com