Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4362-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4362-2
Description  1.2A Overvoltage/ Overcurrent Protector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4362-2 Datasheet(HTML) 4 Page - Linear Technology

  LTC4362-2 Datasheet HTML 1Page - Linear Technology LTC4362-2 Datasheet HTML 2Page - Linear Technology LTC4362-2 Datasheet HTML 3Page - Linear Technology LTC4362-2 Datasheet HTML 4Page - Linear Technology LTC4362-2 Datasheet HTML 5Page - Linear Technology LTC4362-2 Datasheet HTML 6Page - Linear Technology LTC4362-2 Datasheet HTML 7Page - Linear Technology LTC4362-2 Datasheet HTML 8Page - Linear Technology LTC4362-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LTC4362-1/LTC4362-2
4
436212fa
TYPICAL PERFORMANCE CHARACTERISTICS
Internal MOSFET On Resistance
vs Temperature
Internal RSENSE vs Temperature
Overcurrent Threshold
vs Temperature
Overvoltage Turn-Off Delay
vs Temperature
Overcurrent Turn-Off Delay
vs Temperature
Overvoltage Turn-Off Delay
vs Overdrive (VOVDRV)
Input Supply Current
vs Input Voltage
Overvoltage Threshold
vs Temperature
PWRGD Voltage vs PWRGD Current
Specifications are at TA = 25°C, VIN = 5V, VON = 0V unless otherwise noted.
VIN (V)
1
1000
100
10
1
0.1
436212 G01
100
10
VON = 0V
VON = 2.5V
TEMPERATURE (°C)
–50
5.84
5.82
5.80
5.78
5.76
436212 G02
100
25
50
75
0
–25
IPWRGD (mA)
0
500
400
300
200
100
0
436212 G03
5
234
1
TEMPERATURE (°C)
–50
60
50
40
30
20
436212 G04
100
25
50
75
0
–25
VIN = 3V
VIN = 5V
TEMPERATURE (°C)
–50
40
35
30
25
20
436212 G05
100
25
50
75
0
–25
TEMPERATURE (°C)
–50
1.60
1.55
1.50
1.45
1.40
436212 G06
100
25
50
75
0
–25
TEMPERATURE (°C)
–50
1.0
0.8
0.6
0.4
0.2
0
436212 G07
100
25
50
75
0
–25
VIN = STEP 5V TO 6.5V
TEMPERATURE (°C)
–50
14
12
10
8
6
436212 G08
100
25
50
75
0
–25
IOUT = STEP 0.5A TO 3A
VOVDRV (V)
0
8
6
4
2
0
436212 G09
2.5
1.5
2
1
0.5
VIN = STEP 5V TO (VIN(OV) + VOVDRV)


Similar Part No. - LTC4362-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4362-2 LINER-LTC4362-2 Datasheet
295Kb / 12P
   1.2A Overvoltage/ Overcurrent Protector
More results

Similar Description - LTC4362-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4362-1 LINER-LTC4362-1 Datasheet
295Kb / 12P
   1.2A Overvoltage/ Overcurrent Protector
LTC4362-1 LINER-LTC4362-1_15 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
logo
Bourns Electronic Solut...
TISP8250 BOURNS-TISP8250 Datasheet
183Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
TISP8250D BOURNS-TISP8250D_08 Datasheet
257Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
logo
Maxim Integrated Produc...
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com