Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4362-2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4362-2
Description  1.2A Overvoltage/ Overcurrent Protector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4362-2 Datasheet(HTML) 3 Page - Linear Technology

  LTC4362-2 Datasheet HTML 1Page - Linear Technology LTC4362-2 Datasheet HTML 2Page - Linear Technology LTC4362-2 Datasheet HTML 3Page - Linear Technology LTC4362-2 Datasheet HTML 4Page - Linear Technology LTC4362-2 Datasheet HTML 5Page - Linear Technology LTC4362-2 Datasheet HTML 6Page - Linear Technology LTC4362-2 Datasheet HTML 7Page - Linear Technology LTC4362-2 Datasheet HTML 8Page - Linear Technology LTC4362-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC4362-1/LTC4362-2
3
436212fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VIN
Input Voltage Range
l
2.5
28
V
VIN(UVL)
Input Undervoltage Lockout
VIN Rising
l
1.8
2.1
2.45
V
IIN
Input Supply Current
VON = 0V
VON = 2.5V
l
l
220
1.5
400
10
μA
μA
Thresholds
VIN(OV)
IN Pin Overvoltage Threshold
VIN Rising
l
5.684
5.8
5.916
V
ΔVOV
Overvoltage Hysteresis
l
25
100
200
mV
Input Pins
VON(TH)
ON Input Threshold
l
0.4
1.5
V
ION
ON Pull-Down Current
VON = 2.5V
l
2.5
5
10
μA
Output Pins
VOUT(UP)
OUT Turn-On Ramp-Rate
VOUT = 0.5V to 4V
l
1.5
3
4.5
V/ms
IOUT
OUT Leakage Current
VON = 2.5V, VOUT = 5V
l
0±3
μA
VGATEP(CLP)
IN to GATEP Clamp Voltage
VIN = 8V to 28V
l
5
5.8
7.5
V
RGATEP
GATEP Pull-Down Resistance
VGATEP = 3V
l
0.8
2
3.2
VPWRGD(OL)
PWRGD Output Low Voltage
VIN = 5V, IPWRGD = 3mA
l
0.23
0.4
V
RPWRGD
PWRGD Pull-Up Resistance to OUT
VIN = 6.5V, VPWRGD = 1V
l
250
500
800
Internal N-Channel MOSFET
RON
On Resistance
IOUT = 0.5A
l
40
70
ITRIP
Overcurrent Threshold
l
1.2
1.5
1.8
A
IAS
Peak Avalanche Current
L = 0.1mH (Note 5)
10
A
EAS
Single Pulse Avalanche Energy
IAS = 10A, L = 0.1mH (Note 5)
10
mJ
Delay
tON
Turn-On Delay
VIN High to VOUT = 0.5V, ROUT = 1kΩ
l
50
130
200
ms
tOFF(OV)
Turn-Off Delay for Overvoltage
VIN = 5V
6.5V to VOUT = 4.5V, ROUT = 1kΩ
l
0.45
1
μs
tOFF(OC)
Turn-Off Delay for Overcurrent
IOUT = 0.5A
3A to VOUT = 4.5V
l
510
20
μs
tPWRGD(LH)
PWRGD Rising Delay
VIN = 5V
6.5V to PWRGD High
l
0.3
1
μs
tPWRGD(HL)
PWRGD Falling Delay
VIN = 0V
5V, VOUT = 0.5V to PWRGD Low,
ROUT = 1kΩ
l
25
65
100
ms
tON(OFF)
ON High to N-channel MOSFET Off
VON = 0V
2.5V
l
40
100
μs
ESD Protection
ESD Protection for IN to GND
COUT = 1μF, Human Body Model
±25
kV
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 5V, VON = 0V unless otherwise noted.
Note 3: The minimum drain-source breakdown voltage of the internal
MOSFET is 28V. Driving the IN and SENSE pins more than 28V above OUT
may damage the device if the EAS capability of the MOSFET is exceeded.
Note 4: An internal current sense resistor ties IN and SENSE. Driving
SENSE relative to IN may damage the resistor.
Note 5: The IAS and EAS typical values are based on characterization and
are not production tested.


Similar Part No. - LTC4362-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4362-2 LINER-LTC4362-2 Datasheet
295Kb / 12P
   1.2A Overvoltage/ Overcurrent Protector
More results

Similar Description - LTC4362-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4362-1 LINER-LTC4362-1 Datasheet
295Kb / 12P
   1.2A Overvoltage/ Overcurrent Protector
LTC4362-1 LINER-LTC4362-1_15 Datasheet
296Kb / 14P
   1.2A Overvoltage/ Overcurrent Protector
logo
Bourns Electronic Solut...
TISP8250 BOURNS-TISP8250 Datasheet
183Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
TISP8250D BOURNS-TISP8250D_08 Datasheet
257Kb / 4P
   UNIDIRECTIONAL P-GATE THYRISTOR OVERVOLTAGE AND OVERCURRENT PROTECTOR
logo
Maxim Integrated Produc...
MAX14588 MAXIM-MAX14588 Datasheet
2Mb / 15P
   1A Adjustable Overcurrent and Overvoltage Protector with High Accuracy
Rev 0; 12/12
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
logo
Power Innovations Ltd
TISP61CAP3 POINN-TISP61CAP3 Datasheet
89Kb / 5P
   PROGRAMMABLE OVERVOLTAGE PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com