Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4307-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4307-1
Description  High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC4307-1 Datasheet HTML 1Page - Linear Technology LTC4307-1 Datasheet HTML 2Page - Linear Technology LTC4307-1 Datasheet HTML 3Page - Linear Technology LTC4307-1 Datasheet HTML 4Page - Linear Technology LTC4307-1 Datasheet HTML 5Page - Linear Technology LTC4307-1 Datasheet HTML 6Page - Linear Technology LTC4307-1 Datasheet HTML 7Page - Linear Technology LTC4307-1 Datasheet HTML 8Page - Linear Technology LTC4307-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4307-1
3
43071fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VTHR_ENABLE
ENABLE Threshold
0.8
1.4
2
V
IENABLE
ENABLE Input Current
ENABLE from 0V to VCC
0.1
±5
μA
tPLH_EN
ENABLE Delay Off-On
VCC = 3.3V (Figure 1)
95
μs
tPHL_EN
ENABLE Delay On-Off
VCC = 3.3V (Note 3) (Figure 1)
10
ns
tPLH_READY
READY Delay Off-On
VCC = 3.3V (Note 3) (Figure 1)
10
ns
tPHL_READY
READY Delay On-Off
VCC = 3.3V (Note 3) (Figure 1)
10
ns
VOL_READY
READY Output Low Voltage
IPULLUP = 3mA, VCC = 2.3V
0.4
V
IOFF_READY
READY Off Leakage Current
VCC = READY = 5.5V
0.1
±5
μA
Propagation Delay
tPHL
SDA/SCL Propagation Delay High to Low
CLOAD = 50pF, 2.7k to VCC on SDA, SCL,
VCC = 3.3V (Notes 2, 3) (Figure 1)
70
ns
tPLH
SDA/SCL Propagation Delay Low to High
CLOAD = 50pF, 2.7k to VCC on SDA, SCL,
VCC = 3.3V (Notes 2, 3) (Figure 1)
10
ns
tFALL
SDA/SCL Transition Time High to Low
CLOAD = 100pF, 10k to VCC on SDA, SCL,
VCC = 3.3V (Notes 3, 4) (Figure 1)
30
300
ns
Input-Output Connection
VOS
Input-Output Offset Voltage
2.7k to VCC on SDA, SCL, VCC = 3.3V,
Driven SDA, SCL = 0.2V
20
60
100
mV
VTHR
SDA, SCL Logic Input Threshold Voltage
Rising Edge
0.45VCC 0.55VCC 0.65VCC
V
VHYS
SDA, SCL Logic Input Threshold Voltage
Hysteresis
(Note 3)
50
mV
CIN
Digital Input Capacitance SDAIN, SDAOUT,
SCLIN, SCLOUT
(Note 3)
10
pF
ILEAK
Input Leakage Current
SDA, SCL, Pins
±5
μA
VOL
Output Low Voltage
SDA, SCL Pins, ISINK = 4mA,
SDAIN/SCLIN = 0.2V, VCC = 2.7V
0
0.4
V
2.7k to VCC on SDA, SCL, VCC = 3.3V,
Driven SDA, SCL = 0.1V
120
160
205
mV
VILMAX
Buffer Input Logic Low Voltage
VCC = 3.3V
1.2
V
Timing Characteristics
fI2C,MAX
I2C Maximum Operating Frequency
(Note 3)
400
600
kHz
tBUF
Bus Free Time Between Stop and Start
Condition
(Note 3)
1.3
μs
tHD,STA
Hold Time After (Repeated) Start Condition (Note 3)
100
ns
tSU,STA
Repeated Start Condition Set-Up Time
(Note 3)
0
ns
tSU,STO
Stop Condition Set-Up Time
(Note 3)
0
ns
tHD,DATI
Data Hold Time Input
(Note 3)
0
ns
tSU,DAT
Data Set-Up Time
(Note 3)
100
ns
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: See “Propagation Delays” in the Operations section for a
discussion of tPHL and tPLH as a function of pull-up resistance and bus
capacitance.
Note 3: Determined by design, not tested in production.
Note 4: Measure points are 0.3 • VCC and 0.7 • VCC.
Note 5: ICC test performed with connection circuitry active.
Note 6: All currents into pins are positive; all voltages are referenced to
GND unless otherwise specified.


Similar Part No. - LTC4307-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4307-1 LINER-LTC4307-1 Datasheet
171Kb / 12P
   High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
LTC4307-1 LINER-LTC4307-1 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4307-1 LINER-LTC4307-1 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4307-1 LINER-LTC4307-1 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4307-1 LINER-LTC4307-1 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
More results

Similar Description - LTC4307-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4307-1 LINER-LTC4307-1 Datasheet
171Kb / 12P
   High Defi nition Multimedia Interface (HDMI) Level- Shifting 2-Wire Bus Buffer
LTC4300A-3 LINER-LTC4300A-3_15 Datasheet
216Kb / 14P
   Level-Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4300A-3 LINER-LTC4300A-3 Datasheet
198Kb / 12P
   Level Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Molex Electronics Ltd.
47266-0001 MOLEX-47266-0001 Datasheet
119Kb / 2P
   High Definition Multimedia Interface (HDMI) Receptacle
logo
Level One
HVE-9900 LVL1-HVE-9900 Datasheet
166Kb / 3P
   The High-Definition Multimedia Interface (HDMI)
logo
NXP Semiconductors
PCA9512A NXP-PCA9512A_11 Datasheet
235Kb / 24P
   Level shifting hot swappable I2C-bus and SMBus bus buffer
Rev. 5-5 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com