Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4300-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4300-1
Description  Hot Swappable 2-Wire Bus Buffers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4300-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4300-1 Datasheet HTML 1Page - Linear Technology LTC4300-1 Datasheet HTML 2Page - Linear Technology LTC4300-1 Datasheet HTML 3Page - Linear Technology LTC4300-1 Datasheet HTML 4Page - Linear Technology LTC4300-1 Datasheet HTML 5Page - Linear Technology LTC4300-1 Datasheet HTML 6Page - Linear Technology LTC4300-1 Datasheet HTML 7Page - Linear Technology LTC4300-1 Datasheet HTML 8Page - Linear Technology LTC4300-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC4300-1/LTC4300-2
2
430012fb
For more information www.linear.com/LTC4300-1
elecTrical characTerisTics
orDer inFormaTion
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC
Positive Supply Voltage
2.7
5.5
V
ICC
Supply Current
VCC = 5.5V, VSDAIN = VSCLIN = 0V, LTC4300-1
2.8
6
mA
ISD
Supply Current in Shutdown Mode
VENABLE = 0V, LTC4300-1
0.1
µA
VCC2
Card Side Supply Voltage
LTC4300-2
2.7
5.5
V
IVCC1
VCC Supply Current
VSDAIN = VSCLIN = 0V, VCC1 = VCC2 = 5.5V,
LTC4300-2
1.8
3.6
mA
IVCC2
VCC2 Supply Current
VSDAOUT = VSCLOUT = 0V, VCC1 = VCC2 = 5.5V,
LTC4300-2
1.2
2.4
mA
Start-Up Circuitry
VPRE
Precharge Voltage
SDA, SCL Floating
0.8
1.0
1.2
V
tIDLE
Bus Idle Time
50
95
150
µs
VEN
ENABLE Threshold Voltage
LTC4300-1
0.5 • VCC 0.9 • VCC
V
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4300-1CMS8#PBF
LTC4300-1CMS8#TRPBF
LTUB
8-Lead Plastic MSOP
0°C to 70°C
LTC4300-1IMS8#PBF
LTC4300-1IMS8#TRPBF
LTUC
8-Lead Plastic MSOP
–40°C to 85°C
LTC4300-2CMS8#PBF
LTC4300-2CMS8#TRPBF
LTVJ
8-Lead Plastic MSOP
0°C to 70°C
LTC4300-2IMS8#PBF
LTC4300-2IMS8#TRPBF
LTVK
8-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part markings, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
pin conFiguraTion
1
2
3
4
ENABLE/VCC2*
SCLOUT
SCLIN
GND
8
7
6
5
VCC
SDAOUT
SDAIN
READY/ACC*
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
*LTC4300-2
TJMAX = 125°C, θJA = 200°C/W
absoluTe maximum raTings
VCC to GND ..................................................–0.5V to 7V
VCC2 to GND (LTC4300-2)............................–0.5V to 7V
SDAIN, SCLIN, SDAOUT, SCLOUT................ –0.5V to 7V
READY, ENABLE (LTC4300-1)...................... –0.5V to 7V
ACC (LTC4300-2)......................................... –0.5V to 7V
Operating Temperature Range
LTC4300-1C/LTC4300-2C ........................ 0°C to 70°C
LTC4300-1I/LTC4300-2I ......................–40°C to 85°C
Storage Temperature Range .................. –65°C to 125°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, unless otherwise noted.


Similar Part No. - LTC4300-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1CMS8 LINER-LTC4300-1CMS8 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1IMS8 LINER-LTC4300-1IMS8 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
More results

Similar Description - LTC4300-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com