Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3423 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3423
Description  Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3423 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3423_15 Datasheet HTML 2Page - Linear Technology LTC3423_15 Datasheet HTML 3Page - Linear Technology LTC3423_15 Datasheet HTML 4Page - Linear Technology LTC3423_15 Datasheet HTML 5Page - Linear Technology LTC3423_15 Datasheet HTML 6Page - Linear Technology LTC3423_15 Datasheet HTML 7Page - Linear Technology LTC3423_15 Datasheet HTML 8Page - Linear Technology LTC3423_15 Datasheet HTML 9Page - Linear Technology LTC3423_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC3423/LTC3424
34234f
BLOCK DIAGRA
1
Σ
CURRENT
COMP
CURRENT
LIMIT
ERROR
AMP
FB
R1
R2
1.25V
VC
1.6A TYP (LTC3423)
2.8A TYP (LTC3424)
+
Burst Mode
CONTROL
+–
PWM
LOGIC
ANTICROSS
CONDITION
SLOPE COMP
OSC
SYNC
Rt
GND
SLEEP
8
VOUT
VOUT
1.5V TO 5.5V
7
4
9
MODE/SYNC
3423/24 BD
2
N
SW
10mV
1V TO
VOUT + 0.3
+
VIN
P
OPTIONAL
3
+
5
VDD
6
SHDN
SHUTDOWN
10
ISENSE
AMP
IZERO
AMP
VDD
2.7V TO 5.5V


Similar Part No. - LTC3423_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3423EMS LINEAR-LTC3423EMS Datasheet
203Kb / 12P
   Low Output Voltage 3MHz Micropower Synchronous Boost Converters
logo
Linear Technology
LTC3423EMS LINER-LTC3423EMS Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
More results

Similar Description - LTC3423_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3424 LINER-LTC3424_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
logo
Linear Integrated Syste...
LTC3423 LINEAR-LTC3423 Datasheet
203Kb / 12P
   Low Output Voltage 3MHz Micropower Synchronous Boost Converters
logo
Linear Technology
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3421 LINER-LTC3421 Datasheet
234Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com