Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3406-1.2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3406-1.2
Description  1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406-1.2 Datasheet(HTML) 3 Page - Linear Technology

  LTC3406-1.2 Datasheet HTML 1Page - Linear Technology LTC3406-1.2 Datasheet HTML 2Page - Linear Technology LTC3406-1.2 Datasheet HTML 3Page - Linear Technology LTC3406-1.2 Datasheet HTML 4Page - Linear Technology LTC3406-1.2 Datasheet HTML 5Page - Linear Technology LTC3406-1.2 Datasheet HTML 6Page - Linear Technology LTC3406-1.2 Datasheet HTML 7Page - Linear Technology LTC3406-1.2 Datasheet HTML 8Page - Linear Technology LTC3406-1.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC3406-1.2
340612fa
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Input Voltage
Efficiency and Power Loss
Reference Voltage vs
Temperature
Oscillator Frequency vs
Temperature
(From Figure 1)
TEMPERATURE (
°C)
–50
1.178
1.188
1.198
1.208
1.218
1.228
1.168
25
75
–25
0
50
100
125
VIN = 3.6V
340612 G03
TEMPERATURE (
°C)
–50
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
25
75
–25
0
50
100
125
VIN = 3.6V
340612 G04
INPUT VOLTAGE (V)
2
6
340612 G01
3
4
5
100
95
90
85
80
75
70
IOUT = 600mA
IOUT = 100mA
IOUT = 10mA
ILOAD (mA)
0.1
10
1000
100
90
80
70
60
50
40
340612
GO2
1
100
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
LOAD CURRENT (mA)
0
500
200 300 400
600
800
100
1.225
1.215
1.205
1.195
1.185
1.175
340612
G06
1000
900
700
Oscillator Frequency vs
Supply Voltage
Output Voltage vs Load Current
SUPPLY VOLTAGE (V)
2
1.8
1.7
1.6
1.5
1.4
1.3
1.2
34
5
6
340612
G05
TA = 25°C
TEMPERATURE (
°C)
–50
0.4
0.5
0.7
25
75
340612
G08
0.3
0.2
–25
0
50
100
125
0.1
0
0.6
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
SUPPLY VOLTAGE (V)
2
0
5
15
20
25
50
35
3
4
340612 G09
10
40
45
30
5
6
ILOAD = 0A
RDS(ON) vs Input Voltage
INPUT VOLTAGE (V)
1
0
0.4
0.5
0.7
46
340612
G07
0.3
0.2
23
57
0.1
0
0.6
MAIN
SWITCH
SYNCHRONOUS
SWITCH
TA = 25°C
RDS(ON) vs Temperature
Supply Current vs Supply Voltage
TA = 25°C unless otherwise specified.


Similar Part No. - LTC3406-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results

Similar Description - LTC3406-1.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B Datasheet
231Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A_15 Datasheet
303Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2_15 Datasheet
274Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com