Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3405A-1.375 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3405A-1.375
Description  1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405A-1.375 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3405A-1.375 Datasheet HTML 4Page - Linear Technology LTC3405A-1.375 Datasheet HTML 5Page - Linear Technology LTC3405A-1.375 Datasheet HTML 6Page - Linear Technology LTC3405A-1.375 Datasheet HTML 7Page - Linear Technology LTC3405A-1.375 Datasheet HTML 8Page - Linear Technology LTC3405A-1.375 Datasheet HTML 9Page - Linear Technology LTC3405A-1.375 Datasheet HTML 10Page - Linear Technology LTC3405A-1.375 Datasheet HTML 11Page - Linear Technology LTC3405A-1.375 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC3405A-1.375
3405a1375f
LOAD CURRENT (mA)
0.1
10
1000
1
0.1
0.01
0.001
0.0001
3405A1375 F02
1
100
VIN = 3.6V
APPLICATIO S I FOR ATIO
1. The VIN quiescent current is due to two components:
the DC bias current as given in the electrical character-
istics and the internal main switch and synchronous
switch gate charge currents. The gate charge current
results from switching the gate capacitance of the
internal power MOSFET switches. Each time the gate is
switched from high to low to high again, a packet of
charge, dQ, moves from VIN to ground. The resulting
dQ/dt is the current out of VINthat is typically larger than
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in LTC3405A-1.375 circuits: VIN quiescent current
and I2R losses. The VIN quiescent current loss dominates
the efficiency loss at very low load currents whereas the
I2R loss dominates the efficiency loss at medium to high
load currents. In a typical efficiency plot, the efficiency
curve at very low load currents can be misleading since the
actual power lost is of no consequence as illustrated in
Figure 2.
Figure 2. Power Lost vs Load Current
the DC bias current. In continuous mode, IGATECHG =
f(QT + QB) where QT and QB are the gate charges of the
internal top and bottom switches. Both the DC bias and
gate charge losses are proportional to VIN and thus
their effects will be more pronounced at higher supply
voltages.
2. I2R losses are calculated from the resistances of the
internal switches, RSW, and external inductor RL. In
continuous mode, the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into the SW pin is a function of both
top and bottom MOSFET RDS(ON) and the duty cycle
(DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Charateristics
curves. Thus, to obtain I2R losses, simply add RSW to
RL and multiply the result by the square of the average
output current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% total additional loss.
Thermal Considerations
In most applications, the LTC3405A-1.375 does not
dissipate much heat due to its high efficiency. But, in
applications where they run at high ambient temperature
with low supply voltage, the heat dissipated may exceed
the maximum junction temperature of the part. If the
junction temperature reaches approximately 150°C, both
power switches will be turned off and the SW node will
become high impedance.
To keep the LTC3405A-1.375 from exceeding the maxi-
mum junction temperature, the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TR = (PD)(θJA)


Similar Part No. - LTC3405A-1.375

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results

Similar Description - LTC3405A-1.375

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405 LINER-LTC3405 Datasheet
239Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A Datasheet
214Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com