Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3225-1 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3225-1
Description  150mA Supercapacitor Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3225-1 Datasheet(HTML) 5 Page - Linear Technology

  LTC3225-1 Datasheet HTML 1Page - Linear Technology LTC3225-1 Datasheet HTML 2Page - Linear Technology LTC3225-1 Datasheet HTML 3Page - Linear Technology LTC3225-1 Datasheet HTML 4Page - Linear Technology LTC3225-1 Datasheet HTML 5Page - Linear Technology LTC3225-1 Datasheet HTML 6Page - Linear Technology LTC3225-1 Datasheet HTML 7Page - Linear Technology LTC3225-1 Datasheet HTML 8Page - Linear Technology LTC3225-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LTC3225/LTC3225-1
5
3225fb
PIN FUNCTIONS
C+ (Pin 1): Flying Capacitor Positive Terminal. A 1μF X5R
or X7R ceramic capacitor should be connected from C+
to C.
C(Pin 2):
Flying Capacitor Negative Terminal.
CX (Pin 3): Midpoint of Two Series Supercapacitors. This
pin voltage is monitored and forced to track COUT (CX =
COUT/2) during charging to achieve voltage balancing of
the top and bottom supercapacitors.
SHDN(Pin4):ActiveLowShutdownInput.AlowonSHDN
puts the LTC3225/LTC3225-1 in low current shutdown
mode. Do not float the SHDN pin.
PGOOD (Pin 5): Open-Drain Output Status Indicator. Upon
start-up, this open-drain pin remains low until the output
voltage, VOUT, is within 6% (typical) of its final value. Once
VOUT is valid, PGOOD becomes Hi-Z. If VOUT falls 7.2%
(typical) below its correct regulation level, PGOOD is
pulled low. PGOOD may be pulled up through an external
resistor to an appropriate reference level. This pin is Hi-Z
in shutdown mode.
VSEL (Pin 6): Output Voltage Selection Input. A logic
low at VSEL sets the regulated COUT to 4.8V (LTC3225)
or 4V (LTC3225-1); a logic high sets the regulated COUT
to 5.3V (LTC3225) or 4.5V (LTC3225-1). Do not float the
VSEL pin.
PROG (Pin 7): Charge Current Programming Pin. A resis-
tor connected between this pin and GND sets the charge
current. (See Applications Information section).
GND (Pin 8, Exposed Pad Pin 11): Charge Pump Ground.
These pins must be soldered directly to PCB ground. The
exposed pad must be soldered to a low impedance PCB
ground for rated thermal performance.
VIN (Pin 9): Power Supply for the LTC3225/LTC3225-1.
VIN should be bypassed to GND with a low ESR ceramic
capacitor of more than 2.2μF.
COUT (Pin 10): Charge Pump Output Pin. Connect COUT to
the top plate of the top supercapacitor. COUTprovidescharge
current to the supercapacitors and regulates the final volt-
age to 4.8V/5.3V (LTC3225) or 4V/4.5V (LTC3225-1).
Charging Profile with Unequal
Initial Output Capacitor Voltage
(Initial VTOP = 1V, VBOT = 1.3V)
SHDN
5V/DIV
VCOUT
2V/DIV
VTOP-VBOT
500mV/DIV
IVIN
300mA/DIV
2 SEC/DIV
3225 G10
LTC3225
VSEL = VIN
RPROG = 12k
CTOP = CBOT = 1.1F
CTOP INITIAL VOLTAGE = 1V
CBOT INITIAL VOLTAGE = 1.3V
SHDN
5V/DIV
VCOUT
2V/DIV
VTOP-VBOT
200mV/DIV
IVIN
300mA/DIV
5 SEC/DIV
3225 G11
LTC3225
VSEL = VIN
RPROG = 12k
CTOP = 1.43F
CBOT = 1.1F
CTOP INITIAL VOLTAGE = 0V
CBOT INITIAL VOLTAGE = 0V
SHDN
5V/DIV
VCOUT
2V/DIV
VTOP-VBOT
200mV/DIV
IVIN
300mA/DIV
5 SEC/DIV
3225 G12
LTC3225
VSEL = VIN
RPROG = 12k
CTOP = 1.1F
CBOT = 1.43F
CTOP INITIAL VOLTAGE = 0V
CBOT INITIAL VOLTAGE = 0V
Charging Profile with 30%
Mismatch in Output Capacitance
(CTOP > CBOT)
Charging Profile with 30%
Mismatch in Output Capacitance
(CTOP < CBOT)
TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25°C, CFLY = 1μF, CIN = 2.2μF, CTOP = CBOT, unless otherwise specified)


Similar Part No. - LTC3225-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3225-1 LINER-LTC3225-1 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3225-1 LINER-LTC3225-1 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Analog Devices
LTC3225-1 AD-LTC3225-1 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
More results

Similar Description - LTC3225-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3225 LINER-LTC3225_15 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
LTC3225 LINER-LTC3225 Datasheet
199Kb / 12P
   150mA Supercapacitor Charger
LTC3226 LINER-LTC3226_12 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
LTC3351 LINER-LTC3351 Datasheet
2Mb / 56P
   Hot Swappable Supercapacitor Charger, Backup Controller and System Monitor
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
logo
Illinois Capacitor, Inc...
304DCN2R7SCBB ILLINOISCAPACITOR-304DCN2R7SCBB Datasheet
128Kb / 1P
   Supercapacitor
306DCN2R7M ILLINOISCAPACITOR-306DCN2R7M Datasheet
128Kb / 1P
   Supercapacitor
106DER2R5SGW ILLINOISCAPACITOR-106DER2R5SGW Datasheet
120Kb / 1P
   Supercapacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com