Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3225 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3225
Description  150mA Supercapacitor Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3225 Datasheet(HTML) 3 Page - Linear Technology

  LTC3225_15 Datasheet HTML 1Page - Linear Technology LTC3225_15 Datasheet HTML 2Page - Linear Technology LTC3225_15 Datasheet HTML 3Page - Linear Technology LTC3225_15 Datasheet HTML 4Page - Linear Technology LTC3225_15 Datasheet HTML 5Page - Linear Technology LTC3225_15 Datasheet HTML 6Page - Linear Technology LTC3225_15 Datasheet HTML 7Page - Linear Technology LTC3225_15 Datasheet HTML 8Page - Linear Technology LTC3225_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LTC3225/LTC3225-1
3
3225fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
VSEL = VIN
VSEL = 0
l
l
2.8
2.8
5.5
5.5
V
V
VCOUT
Charge Termination Voltage
Sleep Mode Threshold (Rising Edge)
VSEL = VIN
VSEL = 0
l
l
4.4
3.9
4.5
4.0
4.6
4.1
V
V
VCOUT-HYS
Output Comparator Hysteresis
100
mV
VTOP/BOT
Maximum Voltage Across Each of the
Supercapacitors After Charging
VSEL = VIN
VSEL = 0
l
l
2.35
2.1
V
V
LTC3225/LTC3225-1
IQ-VIN
No Load Operating Current at VIN
IOUT = 0mA
l
20
40
μA
ISHDN-VIN
Shutdown Current
SHDN = 0V, VOUT = 0V
l
0.1
1
μA
ICOUT
COUT Leakage Current
VOUT = 5.6V, SHDN = 0V
VOUT = 5.6V, Charge Pump in Sleep Mode
VOUT = 5.6V, SHDN Connected to VIN with
Input Supply Removed
l
l
1
2
3
4
1
μA
μA
μA
IVIN
Input Charge Current
VIN = 3.6V, RPROG = 12k, CTOP = CBOT
306
mA
VIN = 3.6V, RPROG = 60k, CTOP = CBOT
55
mA
IOUT
Output Charge Current
VIN = 3.6V, RPROG = 12k, CTOP = CBOT,
VOUT = 4.5V (LTC3225),
VOUT = 3.7V (LTC3225-1)
125
150
175
mA
VIN = 3.6V, RPROG = 60k, CTOP = CBOT,
VOUT = 4.5V (LTC3225),
VOUT = 3.7V (LTC3225-1)
26
mA
VPGOOD
PGOOD Low Output Voltage
IPGOOD = –1.6mA
l
0.4
V
IPGOOD-LEAK
PGOOD High Impedance Leakage Current
VPGOOD = 5V
l
10
μA
VPG
PGOOD Low-to-High Threshold
Relative to Output Voltage Threshold
l
92
94
96
%
VPG-HYS
PGOOD Threshold Hysteresis
Relative to Output Voltage Threshold
l
0.25
1.2
2.5
%
ROL
Effective Open-Loop Output Impedance
(Note 4)
VIN = 3.6V, VOUT = 4.5V (LTC3225)
VIN = 3.6V, VOUT = 3.7V (LTC3225-1)
8
9
Ω
fOSC
CLK Frequency
l
0.6
0.9
1.5
MHz
VSEL, SHDN
VIH
Input High Voltage
l
1.3
V
VIL
Input Low Voltage
l
0.4
V
IIH
Input High Current
l
–1
1
μA
IIL
Input Low Current
l
–1
1
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, CIN = 2.2μF, CFLY = 1μF, unless otherwise specified (Note 3).
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Based on long-term current density limitations.
Note 3: The LTC3225/LTC3225-1 are tested under pulsed load conditions
such that TJ ≈ TA. The LTC3225/LTC3225-1 are guaranteed to meet
performance specifications from 0°C to 85°C. Specifications over the
–40°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 4: Output not in regulation;
ROL ≡ (2 • VIN – VOUT)/IOUT


Similar Part No. - LTC3225_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3225-1 LINER-LTC3225-1 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3225-1 LINER-LTC3225-1 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
LTC3225-1 LINER-LTC3225-1 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
logo
Analog Devices
LTC3225-1 AD-LTC3225-1 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
logo
Linear Technology
LTC3225-1 LINER-LTC3225-1_15 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
More results

Similar Description - LTC3225_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3225-1 LINER-LTC3225-1_15 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
LTC3225 LINER-LTC3225 Datasheet
199Kb / 12P
   150mA Supercapacitor Charger
LTC3226 LINER-LTC3226_12 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
LTC3351 LINER-LTC3351 Datasheet
2Mb / 56P
   Hot Swappable Supercapacitor Charger, Backup Controller and System Monitor
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
logo
Illinois Capacitor, Inc...
304DCN2R7SCBB ILLINOISCAPACITOR-304DCN2R7SCBB Datasheet
128Kb / 1P
   Supercapacitor
306DCN2R7M ILLINOISCAPACITOR-306DCN2R7M Datasheet
128Kb / 1P
   Supercapacitor
106DER2R5SGW ILLINOISCAPACITOR-106DER2R5SGW Datasheet
120Kb / 1P
   Supercapacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com