Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD62 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # PD62
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD62 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button PD62_15 Datasheet HTML 39Page - Renesas Technology Corp PD62_15 Datasheet HTML 40Page - Renesas Technology Corp PD62_15 Datasheet HTML 41Page - Renesas Technology Corp PD62_15 Datasheet HTML 42Page - Renesas Technology Corp PD62_15 Datasheet HTML 43Page - Renesas Technology Corp PD62_15 Datasheet HTML 44Page - Renesas Technology Corp PD62_15 Datasheet HTML 45Page - Renesas Technology Corp PD62_15 Datasheet HTML 46Page - Renesas Technology Corp PD62_15 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
41
µPD62
Data Sheet U14208EJ1V0DS00
MOV R0n, A
MOV R1n, A
<1> Instruction code
: 0 010 R4 0R3 R2 R1R0
<2> Cycle count
: 1
<3> Function
: (Rmn)
← (A) m = 0, 1 n = 0 to F
The accumulator contents are transferred to register Rmn.
MOV Rn, #data8
<1> Instruction code
: 0 01100 R3 R2 R1R0
: 0d7 d6 d5 d4 0d3 d2 d1 d0
<2> Cycle count
: 1
<3> Function
: (R1n-R0n)
← data8 n = 0 to F
The immediate data is transferred to the register. Using this instruction, registers operate as register
pairs.
The pair combinations are as follows:
R0 : R10 - R00
R1 : R11 - R01
:
RE : R1E - R0E
RF : R1F - R0F
Lower column
Higher column
MOV Rn, @R0
<1> Instruction code
: 0 01110 R3 R2 R1R0
<2> Cycle count
: 1
<3> Function
: (R1n-R0n)
← ((P13), R0)) n = 1 to F
The program memory contents specified with control register P13 and register pair R10-R00 are
transferred to register pair R1n-R0n. The program memory consists of 10 bits and has the following
state after the transfer to the register.
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
@R0
R1n
R0n
Program memory
The high-order 2 bits of the program memory address is specified with the control register (P13).


Similar Part No. - PD62_15

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
PD628BA UNIKC-PD628BA Datasheet
803Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
Renesas Technology Corp
PD62A RENESAS-PD62A_15 Datasheet
415Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results

Similar Description - PD62_15

ManufacturerPart #DatasheetDescription
logo
NEC
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD66P04B NEC-UPD66P04B Datasheet
164Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P4B NEC-UPD6P4B Datasheet
187Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD61P34B NEC-UPD61P34B Datasheet
239Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6604 NEC-UPD6604 Datasheet
268Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com