Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTX401E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KTX401E
Description  EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX401E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTX401E Datasheet HTML 1Page - KEC(Korea Electronics) KTX401E Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 1. 24
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTX401E
EPITAXIAL PLANAR NPN TRANSISTOR
SILICON EPITAXIAL PLANAR TYPE DIODE
Revision No : 1
GENERAL PURPOSE APPLICATION.
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
Including two(TR, Diode) devices in TESV.
(Thin Extreme Super mini type with 5pin.)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM MILLIMETERS
A
A1
B1
C
TESV
1.6 0.05
1.0 0.05
1.6 0.05
1.2 0.05
0.50
0.2 0.05
0.5 0.05
0.12 0.05
B
D
H
J
B1
B
1
2
3
5
4
P
P
P5
+_
+_
+_
+_
+_
+_
+_
1. D ANODE
2. Q EMITTER
3. Q BASE
4. Q COLLECTOR
5. D CATHODE
1
1
1
1
1
MAXIMUM RATINGS (Ta=25 )
EQUIVALENT CIRCUIT (TOP VIEW)
1
D1
Q1
23
54
MARK SPEC
C
Type Name
h
Rank
FE
12
3
4
5
Marking
Type
KTX401E
KTX401E
Q1 hFE Rank : Y
Q1 hFE Rank : GR
Mark
CD
CE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
Base Current
IB
30
Collector Power Dissipation
PC
100
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
85
V
Reverse Voltage
VR
80
V
Maximum (Peak) Forward Current
IFM
300
Average Forward Current
IO
100
Surge Current (10mS)
IFSM
2
A
Power Dissipation
PD
-
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
TRANSISTOR Q1
DIODE D1


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn