Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3125 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3125
Description  1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3125 Datasheet(HTML) 3 Page - Linear Technology

  LTC3125 Datasheet HTML 1Page - Linear Technology LTC3125 Datasheet HTML 2Page - Linear Technology LTC3125 Datasheet HTML 3Page - Linear Technology LTC3125 Datasheet HTML 4Page - Linear Technology LTC3125 Datasheet HTML 5Page - Linear Technology LTC3125 Datasheet HTML 6Page - Linear Technology LTC3125 Datasheet HTML 7Page - Linear Technology LTC3125 Datasheet HTML 8Page - Linear Technology LTC3125 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC3125
3
3125fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3125 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3125E (E Grade) is guaranteed to meet specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
junction temperature (TJ) is calculated from the ambient temperature
(TA) and power dissipation (PD) according to the formula: TJ = TA + (PD)
(
θJA °C/W), where θJA is the package thermal impedance. The maximum
ambient temperature consistent with these specifications is determined by
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PROG Current Gain
(Note 3)
22.1
kΩ-A/A
Maximum Duty Cycle
VFB = 1.15V
l
85
92
%
Minimum Duty Cycle
VFB = 1.3V
l
0%
Frequency
l
1.3
1.6
1.9
MHz
SHDN Input High
1V
SHDN Input Low
0.35
V
SHDN Input Current
VSHDN = 1.2V
0.3
1
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VOUT = 4.5V unless otherwise noted (Note 2).
specific operating conditions in conjunction with board layout, the rated
package thermal resistance and other environmental factors.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
Note 4: Current measurements are made when the output is not switching.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
60°C/W.
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current,
VOUT = 2.5V
Efficiency vs Load Current,
VOUT = 3.3V
(TA = 25°C unless otherwise noted)
LOAD CURRENT (A)
0.001
40
50
60
70
80
0.01
0.1
1
3125 G01
30
20
10
0
90
100
0.1
0.01
0.0001
0.001
1
VIN = 2.1V
VIN = 1.8V
LOAD CURRENT (A)
0.001
40
50
60
70
80
0.01
0.1
1
3125 G02
30
20
10
0
90
100
0.1
0.01
0.001
1
VIN = 2.8V
VIN = 2.4V
VIN = 2V


Similar Part No. - LTC3125

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3125EDCB-PBF LINER-LTC3125EDCB-PBF Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
LTC3125EDCB-TRPBF LINER-LTC3125EDCB-TRPBF Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
More results

Similar Description - LTC3125

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
logo
Silicon Standard Corp.
SS6612 SSC-SS6612 Datasheet
618Kb / 16P
   High-Efficiency Synchronous Step-up DC/DC Converter with Selectable Current Limit
logo
Linear Technology
LTC3606B LINER-LTC3606B Datasheet
319Kb / 20P
   800mA Synchronous Step-Down DC/DC with Average Input Current Limit
LTC3606B LINER-LTC3606B_15 Datasheet
351Kb / 20P
   800mA Synchronous Step-Down DC/DC with Average Input Current Limit
logo
National Semiconductor ...
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
   Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
logo
Linear Technology
LTC3619B LINER-LTC3619B Datasheet
492Kb / 20P
   400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com