Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD16435 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PD16435
Description  DOT MATRIX LCD CONTROLLER/DRIVER
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16435 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PD16435_15 Datasheet HTML 1Page - Renesas Technology Corp PD16435_15 Datasheet HTML 2Page - Renesas Technology Corp PD16435_15 Datasheet HTML 3Page - Renesas Technology Corp PD16435_15 Datasheet HTML 4Page - Renesas Technology Corp PD16435_15 Datasheet HTML 5Page - Renesas Technology Corp PD16435_15 Datasheet HTML 6Page - Renesas Technology Corp PD16435_15 Datasheet HTML 7Page - Renesas Technology Corp PD16435_15 Datasheet HTML 8Page - Renesas Technology Corp PD16435_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
©
1995
DATA SHEET
MOS INTEGRATED CIRCUIT
DESCRIPTION
The
µPD16435 and 16435A are controllers/drivers for a 119 × 73-dot LCD, and perform LCD full-dot and character
composite display by means of control by a microprocessor that has a 4 or 8-bit data bus. A charge pump type
DC/DC converter is also incorporated, enabling 3 or 5 V single power supply drive.
The
µPD16435 uses an external reference clock. The µPD16435A has the on-chip oscillation circuit (external
crystal resonator).
FEATURES
Can interface to 4 or 8-bit CPU.
Incorporates 119 segment outputs and 73 common outputs.
(Display duty selectable from 1/35, 1/37, 1/71, 1/73)
•5
× 7 character font 208 character data configuration character generation ROM and 16 character data configuration
character generation RAM, allowing composite full-dot and character display
Incorporates extended display functions such as magnification, lateral scrolling, blink, reverse, etc.
Operating voltage: 2.7 V to 5.5 V
On-chip DC/DC converter: Selectable between
×4 set-up circuit and ×2 step-up circuit
On-chip temperature correction circuit
Master/slave operation capability
On-chip power-on reset circuit
On-chip oscillation circuit (
µPD16435A)
232-pin TCP (Tape Carried Package)
ORDERING INFORMATION
Part Number
Package
µPD16435N-001-×××
TCP (TAB), Standard ROM code
µPD16435N-001-001
Standard quad TCP (Conforms to EIAJ), Standard ROM code
µPD16435N-001-002
Standard dual TCP (Output OLB: 0.25 mm pitch), Standard ROM code
µPD16435AN-001-×××
TCP (TAB), Standard ROM code
µPD16435AN-001-001
Standard quad TCP (Conforms to EIAJ), Standard ROM code
µPD16435AN-001-052
Standard dual TCP (Output OLB: 0.25 mm pitch), Standard ROM code
Explanation of Part Number
µPD16435 (A) N-xxx-xxx
TCP code
ROM code
The TCP model is a custom model. For details, consult NEC sales representative.
Document No. S10298EJ3V0DS00 (3rd edition)
Date Published April 1997 N
Printed in Japan
DOT MATRIX LCD CONTROLLER/DRIVER
µPD16435, 16435A


Similar Part No. - PD16435_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16431A RENESAS-PD16431A_15 Datasheet
743Kb / 38P
   1/2, 1/3, 1/4-DUTY LCD CONTROLLER/DRIVER
More results

Similar Description - PD16435_15

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
   Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com