Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2914 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2914
Description  Quad UV/OV Positive/Negative Voltage Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2914 Datasheet(HTML) 3 Page - Linear Technology

  LTC2914 Datasheet HTML 1Page - Linear Technology LTC2914 Datasheet HTML 2Page - Linear Technology LTC2914 Datasheet HTML 3Page - Linear Technology LTC2914 Datasheet HTML 4Page - Linear Technology LTC2914 Datasheet HTML 5Page - Linear Technology LTC2914 Datasheet HTML 6Page - Linear Technology LTC2914 Datasheet HTML 7Page - Linear Technology LTC2914 Datasheet HTML 8Page - Linear Technology LTC2914 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LTC2914
3
2914fc
For more information www.linear.com/LTC2914
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2914CGN-2#PBF
LTC2914CGN-2#TRPBF
29142
16-Lead Plastic SSOP
0°C to 70°C
LTC2914IGN-2#PBF
LTC2914IGN-2#TRPBF
2914I2
16-Lead Plastic SSOP
–40°C to 85°C
LTC2914HGN-2#PBF
LTC2914HGN-2#TRPBF
2914H2
16-Lead Plastic SSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.*The temperature grade is identified by a label on the shipping container
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, VLn = 0.45V, VHn = 0.55V, LATCH = VCC, SEL = VCC,
DIS = Open unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHUNT
VCC Shunt Regulator Voltage
ICC = 5mA
l
6.2
6.6
6.9
V
–40ºC < TA < 125ºC
l
6.2
6.6
7.0
V
ΔVSHUNT
VCC Shunt Regulator Load Regulation
ICC = 2mA to 10mA
l
200
300
mV
VCC
Supply Voltage (Note 3)
l
2.3
VSHUNT
V
VCCR(MIN)
Minimum VCC Output Valid
DIS = 0V
l
1
V
VCC(UVLO)
Supply Undervoltage Lockout
VCC Rising, DIS = 0V
l
1.9
2
2.1
V
ΔVCC(UVHYST) Supply Undervoltage Lockout Hysteresis
DIS = 0V
l
5
25
50
mV
ICC
Supply Current
VCC = 2.3V to 6V
l
62
100
µA
VREF
Reference Output Voltage
IVREF = ±1mA
l
0.985
1
1.015
V
–40ºC < TA < 125ºC
l
0.985
1
1.020
V
VUOT
Undervoltage/Overvoltage Voltage Threshold
l
492
500
508
mV
tUOD
Undervoltage/Overvoltage Voltage Threshold
to Output Delay
VHn = VUOT – 5mV or VLn = VUOT + 5mV
l
50
125
500
µs
IVHL
VHn, VLn Input Current
l
±15
nA
–40ºC < TA < 125ºC
l
±30
nA
tUOTO
UV/OV Time-Out Period
CTMR = 1nF
l
6
8.5
12.5
ms
–40ºC < TA < 125ºC
l
6
8.5
14
ms
VLATCH(IH)
OV Latch Clear Input High
l
1.2
V
VLATCH(IL)
OV Latch Clear Threshold Input Low
l
0.8
V
ILATCH
LATCH Input Current
VLATCH > 0.5V
l
±1
µA
VDIS(IH)
DIS Input High
l
1.2
V
VDIS(IL)
DIS Input Low
l
0.8
V
IDIS
DIS Input Current
VDIS > 0.5V
l
1
2
3
µA
ITMR(UP)
TMR Pull-Up Current
VTMR = 0V
l
–1.3
–2.1
–2.8
µA
–40ºC < TA < 125ºC
l
–1.2
–2.1
–2.8
µA
ITMR(DOWN)
TMR Pull-Down Current
VTMR = 1.6V
l
1.3
2.1
2.8
µA
–40ºC < TA < 125ºC
l
1.2
2.1
2.8
µA
elecTrical characTerisTics


Similar Part No. - LTC2914

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2914 LINER-LTC2914 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC2914 LINER-LTC2914 Datasheet
291Kb / 24P
   High Voltage Surge
LTC2914 LINER-LTC2914 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
More results

Similar Description - LTC2914

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
ADM2914 AD-ADM2914_10 Datasheet
371Kb / 16P
   Quad UV/OV Positive/Negative
REV. B
ADM2914 AD-ADM2914 Datasheet
323Kb / 16P
   Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
ADM12914 AD-ADM12914 Datasheet
826Kb / 16P
   짹0.8% Accurate Quad UV/OV Positive/Negative Voltage Supervisor
REV. 0
logo
Linear Technology
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com