Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2910 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2910
Description  Octal Positive/Negative Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2910 Datasheet(HTML) 5 Page - Linear Technology

  LTC2910 Datasheet HTML 1Page - Linear Technology LTC2910 Datasheet HTML 2Page - Linear Technology LTC2910 Datasheet HTML 3Page - Linear Technology LTC2910 Datasheet HTML 4Page - Linear Technology LTC2910 Datasheet HTML 5Page - Linear Technology LTC2910 Datasheet HTML 6Page - Linear Technology LTC2910 Datasheet HTML 7Page - Linear Technology LTC2910 Datasheet HTML 8Page - Linear Technology LTC2910 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC2910
5
2910fc
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
4
2910 G09
2
1
0
123
5
Vn = 0.55V
SEL = VCC
TEMPERATURE (°C)
–50
6
7
8
9
10
12
–25
0
25
50
2910 G07
75
100
11
CTMR = 1nF
SUPPLY VOLTAGE, VCC (V)
0
0.4
0.6
0.8
2910 G08
0.2
0
0.2
0.4
0.6
1.0
0.8
VCC
RST WITH
10k PULL-UP
RST WITHOUT
10k PULL-UP
ICC (mA)
–2
0
6.25
6.45
6.75
26
8
2910 G04
6.35
6.65
6.55
410
12
25°C
–40°C
85°C
TEMPERATURE (°C)
–50
0.995
0.997
0.999
1.001
–25
0
25
50
2910 G05
75
1.003
1.005
0.996
0.998
1.000
1.002
1.004
100
COMPARATOR OVERDRIVE PAST THRESHOLD (%)
0.1
400
500
600
700
1
10
100
2910 G06
300
200
100
0
VCC = 6V
RESET OCCURS
ABOVE CURVE
VCC = 2.3V
TEMPERATURE (°C)
–50
0.495
0.497
0.499
0.501
–25
0
25
50
2910 G01
75
0.503
0.505
0.496
0.498
0.500
0.502
0.504
100
TEMPERATURE (°C)
–50
50
75
–25
25
40
35
50
45
0
2910 G02
100
65
60
55
VCC = 5V
VCC = 3.3V
VCC = 2.3V
TEMPERATURE (°C)
–50
6.2
6.3
6.4
6.5
6.6
6.8
–25
0
25
50
2910 G03
75
100
6.7
200μA
1mA
2mA
5mA
10mA
TYPICAL PERFORMANCE CHARACTERISTICS
Input Threshold Voltage vs
Temperature
Supply Current vs Temperature
VCC Shunt Voltage vs
Temperature
VCC Shunt Voltage vs ICC
Buffered Reference Voltage vs
Temperature
Transient Duration vs Comparator
Overdrive
Reset Time-Out Period vs
Temperature
RST Output Voltage vs VCC
RST Output Voltage vs VCC
Specifications are at TA = 25°C and VCC = 3.3V
unless otherwise noted. (Note 2)


Similar Part No. - LTC2910

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2910 LINER-LTC2910 Datasheet
225Kb / 16P
   Octal Positive/Negative Voltage Monitor
LTC2910 LINER-LTC2910 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2910 LINER-LTC2910 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2910CDHC LINER-LTC2910CDHC Datasheet
225Kb / 16P
   Octal Positive/Negative Voltage Monitor
LTC2910CGN LINER-LTC2910CGN Datasheet
225Kb / 16P
   Octal Positive/Negative Voltage Monitor
More results

Similar Description - LTC2910

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2910 LINER-LTC2910 Datasheet
225Kb / 16P
   Octal Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
   DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
M/A-COM Technology Solu...
MAAD-010305 MA-COM-MAAD-010305_15 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
MAAD-010305 MA-COM-MAAD-010305 Datasheet
688Kb / 6P
   Positive or Negative Voltage Control
logo
Linear Technology
LTC4354 LINER-LTC4354 Datasheet
127Kb / 12P
   Negative Voltage Diode-OR Controller and Monitor
LTC4354 LINER-LTC4354_15 Datasheet
195Kb / 14P
   Negative Voltage Diode-OR Controller and Monitor
logo
Analog Devices
LTC4283 AD-LTC4283 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
logo
New Japan Radio
NJM2839 NJRC-NJM2839 Datasheet
131Kb / 9P
   POSITIVE/NEGATIVE 2CH LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com