Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2909 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2909
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2909_15 Datasheet HTML 5Page - Linear Technology LTC2909_15 Datasheet HTML 6Page - Linear Technology LTC2909_15 Datasheet HTML 7Page - Linear Technology LTC2909_15 Datasheet HTML 8Page - Linear Technology LTC2909_15 Datasheet HTML 9Page - Linear Technology LTC2909_15 Datasheet HTML 10Page - Linear Technology LTC2909_15 Datasheet HTML 11Page - Linear Technology LTC2909_15 Datasheet HTML 12Page - Linear Technology LTC2909_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2909
9
2909fb
If the state of the SEL pin configures a given input as
“negative polarity,” the voltage at the ADJx pin must be
below the trip point (0.5V nominal), or the ⎯R⎯S⎯T output will
be pulled low. Conversely, if a given input is configured
as “positive polarity,” the pin voltage must be above the
trip point or ⎯R⎯S⎯T will assert low.
Thus, a “negative polarity” input may be used to determine
whether a monitored negative voltage is smaller in absolute
value than it should be (–UV), or a monitored positive
voltage is larger than it should be (+OV). The opposite is
true for a “positive polarity” input (–OV or +UV). These
usages are also shown in Table 1. For purposes of this
APPLICATIO S I FOR ATIO
data sheet, a negative voltage is considered “undervoltage”
if it is closer to ground than it should be (e.g., –4.3V for
a –5V supply).
Proper configuration of the SEL pin and setting of the
trip-points via external resistors allows for any two fault
conditions to be detected. For example, the LTC2909 may
monitor two supplies (positive, negative or one of each)
for UV or for OV (or one UV and one OV). It may also
monitor a single supply (positive or negative) for both UV
and OV. Tables 2a and 2b show example configurations
for monitoring possible combinations of fault condition
and supply polarity.
ADJ1
ADJ2
SEL
5V (UV)
15V (UV)
RP2B
1.15M
RP1B
137k
RP1A
115k
RP2A
3.09M
REF
SEL = VCC
2 Positive UV
ADJ1
ADJ2
SEL
5V (OV)
15V (OV)
RP2B
1.33M
RP1B
137k
RP1A
200k
RP2A
6.19M
REF
2 Positive OV
ADJ1
ADJ2
SEL
–5V (UV)
–15V (UV)
RN2B
1.37M
RN1B
133k
RN1A
107k
RN2A
3.09M
REF
2 Negative UV
SEL = GND
ADJ1
ADJ2
SEL
–5V (OV)
–15V (OV)
RN2B
1.37M
RN1B
118k
RN1A
309k
RN2A
10.2M
REF
2 Negative OV
ADJ1
ADJ2
SEL
–15V (OV)
15V (UV)
RN2
10.2M
RN1
309k
RP1
115k
RP2
3.09M
REF
1 Positive UV, 1 Negative OV
ADJ1
ADJ2
SEL
–15V (UV)
15V (OV)
RN2
3.09M
RN1
107k
RP1
200k
RP2
6.19M
REF
1 Positive OV, 1 Negative UV
Table 2a. Possible Combinations of Supply Monitoring. For Example Purposes, All Supplies are Monitored at 5% Tolerance and
Connections are Shown Only for ADJ1, ADJ2, REF, SEL


Similar Part No. - LTC2909_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2909CDDB-2.5 LINER-LTC2909CDDB-2.5 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909CDDB-3.3 LINER-LTC2909CDDB-3.3 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909CDDB-5 LINER-LTC2909CDDB-5 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909CTS8-2.5 LINER-LTC2909CTS8-2.5 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909CTS8-3.3 LINER-LTC2909CTS8-3.3 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results

Similar Description - LTC2909_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2919 LINER-LTC2919 Datasheet
200Kb / 16P
   Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com