Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4933 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # 1N4933
Description  Plastic package has Underwriters Laboratory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4933 Datasheet(HTML) 2 Page - Leshan Radio Company

  1N4933_15 Datasheet HTML 1Page - Leshan Radio Company 1N4933_15 Datasheet HTML 2Page - Leshan Radio Company 1N4933_15 Datasheet HTML 3Page - Leshan Radio Company 1N4933_15 Datasheet HTML 4Page - Leshan Radio Company 1N4933_15 Datasheet HTML 5Page - Leshan Radio Company 1N4933_15 Datasheet HTML 6Page - Leshan Radio Company 1N4933_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4. Characteristic Curves ( TA = 25°C unless otherwise noted )
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
Fig 5. –typical transient thermal
impedance
Fig 6. – Typical Junction Capacitance
0
25
50
75
100 125
150 175
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
0.1
1
10
100
20
10
1.0
10
1.0
0.1
0.01
0.001
10
1.0
0.1
0.01
100
1.0
0.5
0
30
15
0
60 Hz
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Ambient Temperature, °C
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
Tj=100℃
Tj=75℃
Tj=25℃
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
LESHAN RADIO COMPANY, LTD.
2/3


Similar Part No. - 1N4933_15

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
1N4933 CTC-1N4933_15 Datasheet
100Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Diodes Incorporated
1N4933 DIODES-1N4933_15 Datasheet
65Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
logo
Rugao Dachang Electroni...
1N4933 DACHANG-1N4933_15 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
logo
Diotec Semiconductor
1N4933 DIOTEC-1N4933_15 Datasheet
131Kb / 2P
   Fast Recovery Rectifier Diodes
More results

Similar Description - 1N4933_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DRS1M LRC-DRS1M_15 Datasheet
533Kb / 4P
   Plastic package has Underwriters Laboratory
logo
List of Unclassifed Man...
HFM105 ETC2-HFM105 Datasheet
150Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Yea Shin Technology Co....
MBRL120S YEASHIN-MBRL120S Datasheet
813Kb / 10P
   Plastic package has Underwriters Laboratory
logo
Pan Jit International I...
EST1AF PANJIT-EST1AF Datasheet
142Kb / 5P
   Plastic package has Underwriters Laboratory
logo
List of Unclassifed Man...
H31 ETC2-H31 Datasheet
126Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Leshan Radio Company
EGP10A LRC-EGP10A_15 Datasheet
305Kb / 7P
   Plastic package has Underwriters Laboratory
EGP10D LRC-EGP10D_15 Datasheet
305Kb / 7P
   Plastic package has Underwriters Laboratory
logo
SHENZHEN YONGERJIA INDU...
S11-S18 WINNERJOIN-S11-S18 Datasheet
113Kb / 2P
   Plastic package has Underwriters Laboratory
logo
Leshan Radio Company
1N4934 LRC-1N4934_15 Datasheet
200Kb / 7P
   Plastic package has Underwriters Laboratory
EGP15A LRC-EGP15A_15 Datasheet
207Kb / 7P
   Plastic package has Underwriters Laboratory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com