Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4448W Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # 1N4448W
Description  Two Terminals SMD Switching Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4448W Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  1N4448W Datasheet HTML 1Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 2Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 3Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 4Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 5Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 6Page - TAITRON Components Incorporated 1N4448W Datasheet HTML 7Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. F/CH
1N4148W 1N4448W
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 7
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Two Terminals
SMD Switching Diodes
Two Terminals SMD Switching Diodes
Features
 Fast Switching Speed
 Electrically Identical to Standard JEDEC
 High Conductance
 RoHS Compliant and Halogen Free
Mechanical Data
Case:
SOD-123, Plastic Case
Terminals:
Solderable per MIL-STD-750, Method 2026
Weight:
0.01 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
1N4148W
1N4448W
Unit
Conditions
Marking Code
A2
A3
VR
Reverse Voltage
75
V
VRRM
Peak Reverse Voltage
100
V
VRMS
RMS Voltage
50
V
VDC
DC Blocking Voltage
75
V
IF(AV)
Forward Average Current
150
mA
IFSM
Peak Forward Surge Current,
Pulse Width=1.0µs
4
A
PD
Power Dissipation above 25°C
410
500
mW
VF
Forward Voltage
0.715 @ 0.001A
0.855@ 0.01A
1@ 0.05A
1.25@ 0.15A
0.72 @ 0.005A
1@0.1A
V
IR
Max. DC Reverse Current at
Rated DC Blocking Voltage,
TJ=25°C
0.025
-
µA
VR=20V
2.5
2.5
VR=75V
CD
Diode Capacitance
1.5
4
pF
VR=0V, f=1MHz
Trr
Reverse Recovery Time
4
ns
From IF=10mA to IR=1mA,
VR=6V, RL=100Ω
RθJA
Typical
Thermal
Resistance
Junction to Ambient
450
°C/W
Note 1
RθJC
Junction to Case
125
°C/W
Note 2
TJ,TSTG
Operating Junction and Storage
Temperature Range
-55 to +150
°C
Note 1: Part mounted on FR-4 PCB with minimum recommended pad layout.
2. Part mounted on PCB
with 3.15 x 2.36 x 0.04” (80 x 60 x 1.0mm) copper pad area.
SOD-123


Similar Part No. - 1N4448W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4448W PANJIT-1N4448W Datasheet
53Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Nanjing International G...
1N4448W DGNJDZ-1N4448W Datasheet
144Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Tak Cheong Electronics ...
1N4448W TAK_CHEONG-1N4448W Datasheet
691Kb / 4P
   400mW SOD-123 SURFACE MOUNT Small Outline Flat Lead Plastic Package General Purpose Application Fast Switching Diode
logo
DONGGUAN YOU FENG WEI E...
1N4448W YFWDIODE-1N4448W Datasheet
534Kb / 2P
   Fast switching Diode
logo
WILLAS ELECTRONIC CORP
1N4448W WILLAS-1N4448W Datasheet
428Kb / 3P
   SOD-123 Plastic-Encapsulate Diodes
More results

Similar Description - 1N4448W

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
   Two Terminals SMD Switching Diodes
MCL4148 TAITRON-MCL4148_10 Datasheet
188Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148W TAITRON-1N4148W Datasheet
253Kb / 5P
   Two Terminals SMD Switching Diodes
1N4148WS TAITRON-1N4148WS Datasheet
226Kb / 5P
   Two Terminals SMD Switching Diodes
BAV19WS TAITRON-BAV19WS_10 Datasheet
213Kb / 6P
   Two Terminals SMD Switching Diodes
BAV19W TAITRON-BAV19W_09 Datasheet
191Kb / 5P
   Two Terminals SMD Switching Diodes
TWD4148-160WT TAITRON-TWD4148-160WT Datasheet
164Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WT TAITRON-TWD400WT Datasheet
199Kb / 5P
   Two Terminals SMD Switching Diode
1N4148WU TAITRON-1N4148WU Datasheet
182Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WT TAITRON-TWD160WT Datasheet
170Kb / 5P
   Two Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com