Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3322 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3322
Description  Watt-hour meter based on the STM32F101 microcontroller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 26Page - STMicroelectronics AN3322 Datasheet HTML 27Page - STMicroelectronics AN3322 Datasheet HTML 28Page - STMicroelectronics AN3322 Datasheet HTML 29Page - STMicroelectronics AN3322 Datasheet HTML 30Page - STMicroelectronics AN3322 Datasheet HTML 31Page - STMicroelectronics AN3322 Datasheet HTML 32Page - STMicroelectronics AN3322 Datasheet HTML 33Page - STMicroelectronics AN3322 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Computational issues and compensation algorithms
AN3322
30/38
DocID18304 Rev 1
Since the voltage signal with very low amplitude can lead to incorrect zero crossing
detection, the zero crossing detection is not performed on the voltage signal with an
amplitude lower that 50 V. The measured frequency and locking to the zero crossing is not
updated in this case.
2.7
Phase shift correction
This section describes how to deal with phase shift in the analog circuitry of the STM32
power meter. The evaluation of the error caused by phase shift and the levels of its
correction is computed in Section 2.7.1, Section 2.7.2, and Section 2.7.3.
2.7.1
Phase shift measured for the STM32 meter
The phase shift that needs to be compensated was measured directly in the STM32 meter.
These values help to set the limits and resolution of the phase shift compensation method.
Figure 18. Zero crossing for green - U, blue - ILG, red- IHG
Figure 18 shows that there is a delay between voltage U and currents ILG and IHG. This
delay between U and ILG or between U and IHG is in the same range for both ranges and it
is 5 - 8 µs. This delay is mainly caused by the capacitance and inductance in the signal path
of the input voltage divider (see Section 2.10).
2.7.2
Phase shift correction - error evaluation
The phase shift between voltage and current is also caused by non-simultaneous sampling
of these values, see Section 1.9.


Similar Part No. - AN3322

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
logo
STMicroelectronics
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
   This application note is intended for system designers
AN3321 STMICROELECTRONICS-AN3321 Datasheet
262Kb / 8P
   How to enable remote reset from JTAG on
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
   Implementing power-on self tests
AN3326 STMICROELECTRONICS-AN3326 Datasheet
308Kb / 21P
   SPC56EL60x hardware design guideline
More results

Similar Description - AN3322

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
[Old version datasheet]   Microcontroller Based on the ARM
logo
Sames
RM4104ASEB SAMES-RM4104ASEB Datasheet
252Kb / 16P
   Low-Cost Watt-Hour Energy Meter
logo
STMicroelectronics
STEVAL-IPE011V1 STMICROELECTRONICS-STEVAL-IPE011V1 Datasheet
94Kb / 4P
   Energy meter demonstration kit daughterboard based on the STPMS1
June 2010 Rev 1
STEVAL-IPE010V2 STMICROELECTRONICS-STEVAL-IPE010V2 Datasheet
186Kb / 4P
   Energy meter demonstration kit motherboard based on the STPMC1
February 2012
STEVAL-CDE001V1 STMICROELECTRONICS-STEVAL-CDE001V1 Datasheet
265Kb / 7P
   Embedded web server based on the ST72F321M9 microcontroller
January 2008 Rev 1
logo
Sames
RM4301ASEA SAMES-RM4301ASEA Datasheet
461Kb / 19P
   Low-Cost Three-Phase Watt-Hour Energy Meter
logo
Texas Instruments
TMS570LC4357 TI1-TMS570LC4357 Datasheet
10Mb / 227P
[Old version datasheet]   Hercules Microcontroller Based on the ARM짰 Cortex-R Core
logo
STMicroelectronics
STEVAL-IPE010V1 STMICROELECTRONICS-STEVAL-IPE010V1 Datasheet
99Kb / 4P
   Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
June 2010 Rev 1
STEVAL-CCM001V1 STMICROELECTRONICS-STEVAL-CCM001V1 Datasheet
252Kb / 5P
   Digital photo frame demonstration board based on the STM32F103RB microcontroller
November 2008 Rev 1
STEVAL-IHM037V1 STMICROELECTRONICS-STEVAL-IHM037V1 Datasheet
280Kb / 5P
   Ceiling fan remote control unit based on the STM8 microcontroller
February 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com