Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1772 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1772
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1772 Datasheet HTML 2Page - Linear Technology LTC1772 Datasheet HTML 3Page - Linear Technology LTC1772 Datasheet HTML 4Page - Linear Technology LTC1772 Datasheet HTML 5Page - Linear Technology LTC1772 Datasheet HTML 6Page - Linear Technology LTC1772 Datasheet HTML 7Page - Linear Technology LTC1772 Datasheet HTML 8Page - Linear Technology LTC1772 Datasheet HTML 9Page - Linear Technology LTC1772 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1772
1772fb
APPLICATIONS INFORMATION
The basic LTC1772 application circuit is shown in Figure 1.
External component selection is driven by the load re-
quirement and begins with the selection of L1 and RSENSE
(= R1). Next, the power MOSFET, M1 and the output diode
D1 are selected followed by CIN (= C1) and COUT (= C2).
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current.
With the current comparator monitoring the voltage devel-
oped across RSENSE, the threshold of the comparator
determines the inductor’s peak current. The output cur-
rent the LTC1772 can provide is given by:
I
R
I
OUT
SENSE
RIPPLE
=
012
2
.
where IRIPPLE is the inductor peak-to-peak ripple current
(see Inductor Value Calculation section).
A reasonable starting point for setting ripple current is
IRIPPLE = (0.4)(IOUT). Rearranging the above equation, it
becomes:
R
I
SENSE
OUT
=<
1
10
()(
)
for Duty Cycle
40%
However, for operation that is above 40% duty cycle, slope
compensation effect has to be taken into consideration to
select the appropriate value to provide the required amount
of current. Using Figure 2, the value of RSENSE is:
R
SF
I
SENSE
OUT
=
()(
)(
)
10
100
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies permit the use
of a smaller inductor for the same amount of inductor
ripple current. However, this is at the expense of efficiency
due to an increase in MOSFET gate charge losses.
The inductance value also has a direct effect on ripple
current. The ripple current, IRIPPLE, decreases with higher
inductance or frequency and increases with higher VIN or
VOUT. The inductor’s peak-to-peak ripple current is given
by:
I
VV
fL
VV
VV
RIPPLE
IN
OUT
OUT
D
IN
D
=
+
+
⎝⎜
⎠⎟
()
Slope Compensation and Inductor’s Peak Current
The inductor’s peak current is determined by:
I
V
R
PK
ITH
SENSE
= ()
–.
07
10
when the LTC1772 is operating below 40% duty cycle.
However, once the duty cycle exceeds 40%, slope com-
pensation begins and effectively reduces the peak induc-
tor current. The amount of reduction is given by the curves
in Figure 2.
DUTY CYCLE (%)
0
10 20 30 40 50 60 70 80 90 100
1772 F02
110
100
90
80
70
60
50
40
30
20
10
IRIPPLE = 0.4IPK
AT 5% DUTY CYCLE
IRIPPLE = 0.2IPK
AT 5% DUTY CYCLE
VIN = 4.2V
Figure 2. Maximum Output Current vs Duty Cycle
OPERATIO
(Refer to Functional Diagram)


Similar Part No. - LTC1772

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772 Datasheet
167Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772 Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
228Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
More results

Similar Description - LTC1772

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1772 LINER-LTC1772_1 Datasheet
167Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_1 Datasheet
228Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B_15 Datasheet
226Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772B LINER-LTC1772B Datasheet
196Kb / 12P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1772 LINER-LTC1772 Datasheet
188Kb / 16P
   Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872 Datasheet
182Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
LTC1872 LINER-LTC1872_15 Datasheet
193Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
logo
Analog Devices
ADP1864 AD-ADP1864 Datasheet
264Kb / 16P
   Constant Frequency Current-Mode Step-Down DC/DC Controller in TSOT
REV. 0
logo
Linear Technology
LTC1874 LINER-LTC1874_15 Datasheet
191Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
LTC1874 LINER-LTC1874 Datasheet
180Kb / 12P
   Dual Constant Frequency Current Mode Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com