Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTD2854 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part No. KTD2854
Description  EPITAXIAL PLANAR NPN TRANSISTOR (MICRI MOTOR DRIVE, HAMMER DRIVE, SWITCHING POWER AMPLIFIER)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

KTD2854 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2001. 10. 23
2/3
KTD2854
Revision No : 0
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
C
CE
12
34
5
1
2
3
4
COLLECTOR CURRENT I
(A)
C
3mA
2mA
1mA
I =200µA
300µA
400µA
700µA
500µA
B
COMMON EMITTER
Ta=25 C
Ta=100
C
Ta=25
C
Ta=-55
C
h
- I
FE
C
BASE-EMITTER VOLTAGE V
(V)
0
BE
0
I
- V
C
BE
0.8
1.6
2.4
3.2
1
2
3
V
- I
BE(sat)
C
COMMON EMITTER
V
=2V
CE
COMMON EMITTER
V
=2V
CE
0.5
3
1
COLLECTOR CURRENT I
(A)
C
V
- I
CE(sat)
C
COLLECTOR CURRENT I
(A)
C
COMMON EMITTER
COMMON EMITTER
I /I =1000
C B
I /I =1000
CB
0
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
40
80
120
160
200
200
400
600
800
1000
1200
10m
30m
10
100m
300m
1
3
10
30
100
300
1K
3K
10K
0.2
0.3
3
5
1
0.5
1
5
3
200m 300m
3
5
1
500m
Ta=-55
C
Ta=25
C
Ta=100
C
Ta=-55 C
Ta=25 C
Ta=100 C


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn