Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTD2854 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part No. KTD2854
Description  EPITAXIAL PLANAR NPN TRANSISTOR (MICRI MOTOR DRIVE, HAMMER DRIVE, SWITCHING POWER AMPLIFIER)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEC [KEC(Korea Electronics)]
Homepage  http://www.keccorp.com
Logo 

KTD2854 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 10. 23
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTD2854
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
MICRO MOTOR DRIVE, HAMMER DRIVE APPLICATIONS.
SWITCHING APPLICATIONS.
POWER AMPLIFIER APPLICATION.
FEATURES
High DC Current Gain
: hFE=2000(Min.) (VCE=2V, IC=1A)
Low Saturation Voltage
: VCE(sat)=1.5V(Max.) (IC=1A, IB=1mA)
Complementary to KTB2234.
MAXIMUM RATINGS (Ta=25 )
DIM
MILLIMETERS
A
B
D
E
G
H
K
L
1. EMITTER
2. COLLECTOR
3. BASE
P
TO-92L
7.20 MAX
5.20 MAX
2.50 MAX
0.60 MAX
1.27
1.70 MAX
0.55 MAX
14.00 0.50
0.35 MIN
0.75 0.10
4
F
J
M
O
Q
25
1.25
Φ1.50
0.10 MAX
DEPTH:0.2
123
B
C
Q
K
FF
M
M
N
N
H
L
D
C
N
P
HH
E
H
S
12.50 0.50
R
1.00
S
1.15 MAX
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
8
V
Collector Current
DC
IC
2
A
Pulse
ICP
3
Base Current
IB
0.5
A
Collector Power Dissipation
PC
1
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=80V, IE=0
-
-
10
A
Emitter Cut-off Current
IEBO
VEB=8V, IC=0
-
-
4
mA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=10mA, IB=0
100
-
-
V
DC Current Gain
hFE
VCE=2V, IC=1A(Pulse)
2000
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=1mA(Pulse)
-
-
1.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=1mA(Pulse)
-
-
2.0
V
Transition Frequency
fT
VCE=2V, IC=0.5A
-
100
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
20
-
pF
Switching
Time
Turn On Time
ton
IB1
B1
I
CC
V
=30V
IB2
I B2
20
µs
I =-I
=1mA
1%
B1
B2
OUTPUT
DUTY CYCLE
INPUT
<
=
-
0.4
-
S
Storage Time
tstg
-
4.0
-
Fall Time
tf
-
0.6
-
COLLECTOR
BASE
EMITTER
4k
800
−∼
−∼
EQUIVALENT CIRCUIT


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn