Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1729 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1729
Description  Li-Ion Battery Charger Termination Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1729 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1729 Datasheet HTML 6Page - Linear Technology LTC1729 Datasheet HTML 7Page - Linear Technology LTC1729 Datasheet HTML 8Page - Linear Technology LTC1729 Datasheet HTML 9Page - Linear Technology LTC1729 Datasheet HTML 10Page - Linear Technology LTC1729 Datasheet HTML 11Page - Linear Technology LTC1729 Datasheet HTML 12Page - Linear Technology LTC1729 Datasheet HTML 13Page - Linear Technology LTC1729 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1729 Series
Status Output Pin
The STATUS pin is designed to provide an indication that
the battery is charging. Once the current drops below the
C/10 threshold, the battery is close to being fully charged.
The LTC1729 turns off the hard pull-down once the
C/10 comparator is active for more than three seconds.
The 50
µA soft pull down remains in effect until the 3-hour
time-out is completed or the input power is removed.
By using two different value pull-up resistors, a micropro-
cessor can detect three states from this pin (charging,
C/10 and stop charging). See Figure 7.
Second, if the battery is removed from the charger, the
VMAX signal is activated as mentioned in the Block Dia-
gram section. This causes the state machine to make the
VBAT > VMAX transition to the Pause state. The third way to
exit the charger “ON” state is with a VBAT < VMIN transition
to the Precondition state. The battery will need to drop
below 2.6V/cell to be less than VMIN. This is not a likely
scenario.
Once in the Pause state, there are two ways to proceed.
The first is to go to the No Bat state. This requires that the
VBAT remain greater than VMAX for more than one
second. From these conditions, the LTC1729 interprets
that a battery has been removed. If the voltage on the BAT
pin stays less than VMAX for more than one second, then
the state machine returns to the Charge state (Precondi-
tion and charger “ON”). This is interpreted as a momentary
open caused by the battery pack protection circuitry or
loose contact.
The Done state can only proceed to the No Bat state. From
outside the LTC1729 this transition is undetectable. The
requirement for this transition is for the BAT pin voltage to
exceed VMAX for more than one second. The IC now
assumes that the battery has been removed.
From the No Bat state, there is only one possible transition.
The No Bat state can move to the Charge state if the voltage
on the BAT pin remains less than VMAX for one second. The
LTC1729 will now work on the assumption that a new
battery has been installed.
Although the Precondition and Charger “ON” both reside
in the Charge state, there are differences between these
states. The main purpose of the Precondition state is to
slowly bring a heavily discharged battery up to a minimum
level before full charge current begins. The Precondition
state uses a 12mA current source to trickle charge the
battery with a 1-hour time-out transition to the Done state.
The Charger “ON” state enables the external charger and
the time-out is increased to three hours. For the entire
time in the Precondition state, the STATUS pin uses a hard
pull-down. In the Charger “ON” state the STATUS pin uses
two types of pull-down: hard pull-down and soft 50
µA
pull-down.
APPLICATIO S I FOR ATIO
3k
200k
STATUS
1729 F07
VCC
LTC1729
VIN
VDD
OUT
µPROCESSOR
IN
6
8
Figure 7. Microprocessor Interface
When the LTC1729 is in charge mode, the STATUS pin is
pulled down by an internal N-channel MOSFET. To detect
this mode, force the digital output pin, OUT, high and
measure the voltage at the STATUS pin. The N-channel
MOSFET will pull the pin low even with a 3k pull-up resis-
tor. Once the charge current drops to 10% of the full-scale
current (C/10), the N-channel MOSFET is turned off and a
50
µA current source is connected to the STATUS pin. The
IN pin will then be pulled high by the 3k pull-up. By forcing
the OUT pin into a high impedance state, the current
source will pull the pin low through the 200k resistor.
When the internal timer has expired, the STATUS pin will
change to high impedance state and the 200k resistor will
then pull the pin high to indicate the charging has stopped.
Terminate at C/10 Current
Charging can also be terminated using C/10 detection
before the 3-hour time-out. By connecting the low side of
the NTC thermistor to the STATUS pin instead of ground,


Similar Part No. - LTC1729

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729 LINER-LTC1729 Datasheet
200Kb / 12P
   Li-Ion Battery Charger Termination Controllers
LTC1729 LINER-LTC1729 Datasheet
226Kb / 16P
   Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-4.1 LINER-LTC1729CMS8-4.1 Datasheet
200Kb / 12P
   Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-4.1 LINER-LTC1729CMS8-4.1 Datasheet
226Kb / 16P
   Li-Ion Battery Charger Termination Controllers
LTC1729CMS8-4.2 LINER-LTC1729CMS8-4.2 Datasheet
200Kb / 12P
   Li-Ion Battery Charger Termination Controllers
More results

Similar Description - LTC1729

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729 LINER-LTC1729 Datasheet
200Kb / 12P
   Li-Ion Battery Charger Termination Controllers
LTC1729 LINER-LTC1729_1 Datasheet
226Kb / 16P
   Li-Ion Battery Charger Termination Controllers
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com