Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1642A Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1642A
Description  Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642A Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1642A Datasheet HTML 7Page - Linear Technology LTC1642A Datasheet HTML 8Page - Linear Technology LTC1642A Datasheet HTML 9Page - Linear Technology LTC1642A Datasheet HTML 10Page - Linear Technology LTC1642A Datasheet HTML 11Page - Linear Technology LTC1642A Datasheet HTML 12Page - Linear Technology LTC1642A Datasheet HTML 13Page - Linear Technology LTC1642A Datasheet HTML 14Page - Linear Technology LTC1642A Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1642A
1642af
APPLICATIO S I FOR ATIO
Automatic Restart After the Circuit Breaker Opens
The LTC1642A will automatically attempt to restart itself
after the circuit breaker opens if the FAULT output is tied
to the ON pin. The circuit is shown in Figure 5. Diode D1
blocks the weak FAULT pull-up current source from unbal-
ancing the R6-R5 divider.
During a continuous current limit such as a load short,
Q1’s duty cycle is equal to the circuit breaker timer period,
divided by the sum of the circuit breaker and system timer
periods:
Short - Circuit Duty Cycle
=
+
C
CC
4
410
1
The duty cycle is 9% for the Figure 5 circuit. Waveforms
during a load short are shown in Figure 6.
Undervoltage Lockout
An internal undervoltage lockout circuit holds the charge
pump off until VCC exceeds 2.73V. If VCC falls below 2.5V,
it turns off the charge pump and clears overvoltage and
current limit faults.
For higher lockout thresholds tie the ON pin to a resistor
divider driven from VCC, as shown in Figure 7. This
circuit keeps the charge pump off until VCC exceeds
(1+R6/R5) • 1.34V, and also turns it off if VCC falls below
(1+R6/R5) • 1.22V.
D1
1N4148
D2
1N4705
18V
GATE
ON
14
SENSE
15
4
FAULT
6
BRK TMR
2
VCC
16
R2
0.015
Q1
FDS6630A
GND
LTC1642A
8
RST TMR
3
R5
60.4k
1%
R6
464k
1%
R10
30k
1642a F05
R3
100
R4
330
C2
0.047
µF
+
C1
0.33
µF
C4
0.33
µF
ALL RESISTORS
±5% UNLESS NOTED
VIN
12V
2.5A
VOUT
CLOAD
Figure 5. Automatic Restart Circuit
Figure 6. Automatic Retry Following a Load Short
VGATE
20V/DIV
VOUT
10V/DIV
VBRKTMR
1V/DIV
VRSTTMR
1V/DIV
40ms/DIV
1642a F06
D1
1N4705
18V
GATE
14
SENSE
15
ON
4
VCC
16
R2
0.015
Q1
FDS6630A
GND
LTC1642A
8
RST TMR
3
R6
464k
1%
R5
60.4k
1%
VIN
12V
2.5A
1642a F07
R3
100
R4
330
C2
0.047
µF
+
C1
0.33
µF
ALL RESISTORS
±5% UNLESS NOTED
VOUT
UNDERVOLTAGE
LOCKOUT
THRESHOLD = 10.7V
CLOAD
Figure 7. Setting a Higher Undervoltage Lockout


Similar Part No. - LTC1642A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LTC1642ACGN LINER-LTC1642ACGN Datasheet
231Kb / 16P
   Hot Swap Controller
LTC1642AIGN LINER-LTC1642AIGN Datasheet
231Kb / 16P
   Hot Swap Controller
More results

Similar Description - LTC1642A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
logo
Linear Technology
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com